Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 73 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 73 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 77Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
73
Rev. E
12/27/2024
9.5 Address / Command Setup, Hold and Derating
For all input signals the total tIS (setup time) and tIH (hold time) required is calculated by adding the datasheet tIS(base)
and tIH(base) value to the
ΔtIS and ΔtIH derating value, respectively. Example: tIS (total setup time) = tIS(base) + ΔtIS
Setup (tIS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF(dc) and the
first crossing of VIH(ac)min. Setup (tIS) nominal slew rate for a falling signal is defined as the slew rate between the last
crossing of VREF(dc) and the first crossing of Vil(ac)max. If the actual signal is always earlier than the nominal slew rate
line between shaded ‘VREF(dc) to ac region’, use nominal slew rate for derating value . If the actual signal is later than
the nominal slew rate line anywhere between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line to the actual
signal from the ac level to VREF (dc) level is used for derating value.
Hold (tIH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of Vil(dc)max and the
first crossing of VREF(dc). Hold (tIH) nominal slew rate for a falling signal is defined as the slew rate between the last
crossing of Vih(dc)min and the first crossing of VREF(dc). If the actual signal is always later than the nominal slew rate
line between shaded ‘dc to VREF(dc) region’, use nominal slew rate for derating value. If the actual signal is earlier than
the nominal slew rate line anywhere between shaded ‘dc to VREF(dc) region’, the slew rate of a tangent line to the actual
signal from the dc level to VREF (dc) level is used for derating value.
For a valid transition the input signal has to remain above/below VIH/IL(ac) for some time tVAC. Although for slow slew
rates the total setup time might be negative (i.e. a valid input signal will not have reached VIH/IL(ac) at the time of the
rising clock transition, a valid input signal is still required to complete the transition and reach VIH/IL(ac). For slew rates in
between the values listed in the tables, the derating values may obtained by linear interpolation.
These values are typically not subject to production test. They are verified by design and characterization.
9.5.1 ADD/CMD Setup and Hold Base-Values for 1V/ns
DDR3/
DDR3L
Symbol
Reference
DDR3-
800
DDR3-
1066
DDR3-
1333
DDR3-
1600
DDR3-
1866
DDR3-
2133
Units
DDR3
tIS(base) AC175
VIH/L(ac)
200
125
65
45
-
-
ps
tIS(base) AC150
VIH/L(ac)
350
275
190
170
-
-
ps
tIS(base) AC135
VIH/L(ac)
-
-
-
-
65
60
ps
tIS(base) AC125
VIH/L(ac)
-
-
-
-
150
135
ps
tIH(base) DC100
VIH/L(dc)
275
200
140
120
100
95
ps
DDR3L
tIS(base) AC160
VIH/L(ac)
215
140
80
60
-
-
ps
tIS(base) AC135
VIH/L(ac)
365
290
205
185
65
60
ps
tIS(base) AC125
VIH/L(ac)
-
-
-
-
150
135
ps
tIH(base) DC90
VIH/L(dc)
285
210
150
130
110
105
ps
Note:
(AC/DC referenced for 1V/ns Address/Command slew rate and 2 V/ns differential CK-CK# slew rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com