Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 43 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 43 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
43
Rev. E
12/27/2024
ODT DC Electrical Characteristics
(assuming RZQ = 240ohms +/- 1% entire operating temperature range; after proper ZQ calibration)
MR1 A9,
A6, A2
RTT
Resistor
Vout
Min
Nom
Max
(DDR3)
Max
(DDR3L)
Unit
Notes
0,1,0
120
Ω
RTT120Pd240
VOLdc = 0.2 x VDDQ
0.6
1
1.1
1.15
RZQ
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.4
1.45
RZQ
1,2,3,4
RTT120Pu240
VOLdc = 0.2 x VDDQ
0.9
1
1.4
1.45
RZQ
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.1
1.15
RZQ
1,2,3,4
RTT120
VIL(ac) to VIH(ac)
0.9
1
1.6
1.65
RZQ/2
1,2,5
0,0,1
60
Ω
RTT60Pd120
VOLdc = 0.2 x VDDQ
0.6
1
1.1
1.15
RZQ/2
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ/2
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.4
1.45
RZQ/2
1,2,3,4
RTT60Pu120
VOLdc = 0.2 x VDDQ
0.9
1
1.4
1.45
RZQ/2
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ/2
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.1
1.15
RZQ/2
1,2,3,4
RTT60
VIL(ac) to VIH(ac)
0.9
1
1.6
1.65
RZQ/4
1,2,5
0,1,1
40
Ω
RTT40Pd80
VOLdc = 0.2 x VDDQ
0.6
1
1.1
1.15
RZQ/3
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ/3
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.4
1.45
RZQ/3
1,2,3,4
RTT40Pu80
VOLdc = 0.2 x VDDQ
0.9
1
1.4
1.45
RZQ/3
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ/3
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.1
1.15
RZQ/3
1,2,3,4
RTT40
VIL(ac) to VIH(ac)
0.9
1
1.6
1.65
RZQ/6
1,2,5
1,0,1
30
Ω
RTT30Pd60
VOLdc = 0.2 x VDDQ
0.6
1
1.1
1.15
RZQ/4
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ/4
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.4
1.45
RZQ/4
1,2,3,4
RTT30Pu60
VOLdc = 0.2 x VDDQ
0.9
1
1.4
1.45
RZQ/4
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ/4
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.1
1.15
RZQ/4
1,2,3,4
RTT30
VIL(ac) to VIH(ac)
0.9
1
1.6
1.65
RZQ/8
1,2,5
1,0,0
20
Ω
RTT20Pd40
VOLdc = 0.2 x VDDQ
0.6
1
1.1
1.15
RZQ/6
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ/6
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.4
1.45
RZQ/6
1,2,3,4
RTT20Pu40
VOLdc = 0.2 x VDDQ
0.9
1
1.4
1.45
RZQ/6
1,2,3,4
0.5 x VDDQ
0.9
1
1.1
1.15
RZQ/6
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.1
1.15
RZQ/6
1,2,3,4
RTT20
VIL(ac) to VIH(ac)
0.9
1
1.6
1.65
RZQ/12
1,2,5
Deviation of VM w.r.t VDDQ/2, DVM
-5
-
+5
+5
%
1,2,5,6
Notes:
1. The tolerance limits are specified after calibration with stable voltage and temperature. For the behavior of the tolerance limits if temperature or
voltage changes after calibration, see following section on voltage and temperature sensitivity.
2. The tolerance limits are specified under the condition that VDDQ = VDD and that VSSQ = VSS.
3. Pull-down and pull-up ODT resistors are recommended to be calibrated at 0.5 x VDDQ. Other calibration schemes may be used to achieve the
linearity spec shown above.
4. Not a specification requirement, but a design guide line.
5. Measurement definition for RTT:
Apply VIH(ac) to pin under test and measure current I(VIH(ac)), then apply VIL(ac) to pin under test and measure current I(VIL(ac)) respectively.
RTT = [VIH(ac) - VIL(ac)] / [I(VIH(ac)) - I(VIL(ac))]
6. Measurement definition for VM and DVM:
Measure voltage (VM) at test pin (midpoint) with no load: Delta VM = [2VM / VDDQ -1] x 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com