Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 24 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 24 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
24
Rev. E
12/27/2024
2.4.7.2 Procedure Description
The Memory controller initiates Leveling mode of all DRAMs by setting bit 7 of MR1 to 1. When entering write leveling
mode, the DQ pins are in undefined driving mode. During write leveling mode, only NOP or DESELECT commands are
allowed, as well as an MRS command to exit write leveling mode. Since the controller levels one rank at a time, the output
of other ranks must be disabled by setting MR1 bit A12 to 1.
The Controller may assert ODT after tMOD, at which time the DRAM is ready to accept the ODT signal.
The Controller may drive DQS low and DQS# high after a delay of tWLDQSEN, at which time the DRAM has applied on-
die termination on these signals. After tDQSL and tWLMRD, the controller provides a single DQS, DQS# edge which is
used by the DRAM to sample CK - CK# driven from controller. tWLMRD(max) timing is controller dependent.
DRAM samples CK - CK# status with rising edge of DQS - DQS# and provides feedback on the DQ bus asynchronously
after tWLO timing. In this product, all data bits ("prime DQ bit(s)") which are DQ0~DQ7 for x8, or DQ0~DQ15 for x16,
provide the leveling feedback. (Note: It is recommended that the controller rely solely on DQ0 for x8, or DQ0 and DQ8 for
x16 for the prime DQ bits to maintain the broadest industry compatibility.) There is a DQ output uncertainty of tWLOE
defined to allow mismatch on DQ bits. The tWLOE period is defined from the transition of the earliest DQ bit to the
corresponding transition of the latest DQ bit. There are no read strobes (DQS/DQS#) needed for these DQs. Controller
samples incoming DQ and decides to increment or decrement DQS - DQS# delay setting and launches the next
DQS/DQS# pulse after some time, which is controller dependent. Once a 0 to 1 transition is detected, the controller locks
DQS - DQS# delay setting and write leveling is achieved for the device. Figure 2.4.7.2 describes the timing diagram and
parameters for the overall Write Leveling procedure.
Notes:
1. The JEDEC specification for DDR3 DRAM has the option to drive leveling feedback on a single prime DQ or all DQs. For best compatibility with
future DDR3 products, applications should use the lowest order DQ for each byte lane (DQ0 for x8, or DQ0 and DQ8 for x16).
2. MRS: Load MR1 to enter write leveling mode.
3. NOP: NOP or Deselect.
4. diff_DQS is the differential data strobe (DQS, DQS#). Timing reference points are the zero crossings. DQS is shown with solid line, DQS# is shown
with dotted line.
5. CK, CK# : CK is shown with solid dark line, where as CK# is drawn with dotted line.
6. DQS, DQS# needs to fulfill minimum pulse width requirements tDQSH(min) and tDQSL(min) as defined for regular Writes; the max pulse width is
system dependent.
CK#(5)
CK
CMD
MRS
NOP
NOP
tMOD
NOP
NOP
NOP
T1
tWLH
tWLS
T2
tWLH
tWLS
NOP
NOP
NOP
NOP
NOP
NOP
DON’T CARE
Undefined
Driving Mode
Time Break
ODT
diff_DQS(4)
Prime DQ(1)
Late Remaining
DQs
Early Remaining
DQs
(2)
(3)
tWLDQSEN
tDQSL(6)
tDQSH(6)
tDQSL(6)
tDQSH(6)
tWLMRD
tWLO
tWLO
tWLO
tWLO
tWLOE
Figure 2.4.7.2 Write leveling sequence [DQS - DQS# is capturing CK-CK# low at T1 and CK-CK# high at T2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com