Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 44 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 44 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 48Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
44
Rev. E
12/27/2024
5.8.3 ODT Temperature and Voltage sensitivity
If temperature and/or voltage after calibration, the tolerance limits widen according to the following table.
Delta T = T - T(@calibration); Delta V = VDDQ - VDDQ(@calibration); VDD = VDDQ
5.8.3.1 ODT Sensitivity Definition
min
max
Unit
RTT
0.9 - dRTTdT*lDelta Tl - dRTTdV*lDelta Vl
1.6 + dRTTdT*lDelta Tl + dRTTdV*lDelta Vl
RZQ/2,4,6,8,12
5.8.3.2 ODT Voltage and Temperature Sensitivity
Min
Max
Unit
dRTTdT
0
1.5
%/°C
dRTTdV
0
0.15
%/mV
Note: These parameters may not be subject to production test. They are verified by design and characterization
5.9 ODT Timing Definitions
5.9.1 Test Load for ODT Timings
Different than for timing measurements, the reference load for ODT timings is defined in the following figure.
Figure 5.9.1 ODT Timing Reference Load
5.9.2 ODT Timing Definitions
Definitions for tAON, tAONPD, tAOF, tAOFPD, and tADC are provided in the following table and subsequent figures.
Symbol
Begin Point Definition
End Point Definition
tAON
Rising edge of CK - CK defined by the end point of ODTLon
Extrapolated point at VSSQ
tAONPD
Rising edge of CK - CK with ODT being first registered high
Extrapolated point at VSSQ
tAOF
Rising edge of CK - CK defined by the end point of ODTLoff
End point: Extrapolated point at VRTT_Nom
tAOFPD
Rising edge of CK - CK with ODT being first registered low
End point: Extrapolated point at VRTT_Nom
tADC
Rising edge of CK - CK defined by the end point of ODTLcnw,
ODTLcwn4, or ODTLcwn8
End point: Extrapolated point at VRTT_Wr and
VRTT_Nom respectively
Reference Settings for ODT Timing Measurements
Measured Parameter
RTT_Nom Setting
RTT_Wr Setting
VSW1[V]
VSW2[V]
tAON
RZQ/4
NA
0.05
0.10
RZQ/12
NA
0.10
0.20
tAONPD
RZQ/4
NA
0.05
0.10
RZQ/12
NA
0.10
0.20
tAOFPD
RZQ/4
NA
0.05
0.10
RZQ/12
NA
0.10
0.20
tADC
DDR3
RZQ/12
RZQ/2
0.20
0.30
DDR3L
RZQ/12
RZQ/2
0.20
0.25
CK,CK#
DUT
DQ,DM
DQS,
DQS#,
TDQS,
TDQS#
25ohm
VTT=VSSQ
Timing Reference Point
VDDQ
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com