Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 20 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 20 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
20
Rev. E
12/27/2024
2.4.4 DLL-off Mode
DDR3 DLL-off mode is entered by setting MR1 bit A0 to “1”; this will disable the DLL for subsequent operations until A0 bit
set back to “0”. The MR1 A0 bit for DLL control can be switched either during initialization or later. The DLL-off Mode
operations listed below are an optional feature for DDR3. The maximum clock frequency for DLL-off Mode is specified by
the parameter tCKDLL_OFF. There is no minimum frequency limit besides the need to satisfy the refresh interval, tREFI.
Due to latency counter and timing restrictions, only one value of CAS Latency (CL) in MR0 and CAS Write Latency (CWL)
in MR2 are supported. The DLL-off mode is only required to support setting of both CL=6 and CWL=6. DLL-off mode will
affect the Read data Clock to Data Strobe relationship (tDQSCK) but not the data Strobe to Data relationship (tDQSQ,
tQH). Special attention is needed to line up Read data to controller time domain.
Comparing with DLL-on mode, where tDQSCK starts from the rising clock edge (AL+CL) cycles after the Read command,
the DLL-off mode tDQSCK starts (AL+CL-1) cycles after the read command. Another difference is that tDQSCK may not
be small compared to tCK (it might even be larger than tCK) and the difference between tDQSCKmin and tDQSCKmax is
significantly larger than in DLL-on mode. The timing relations on DLL-off mode READ operation have shown at the
following Timing Diagram (CL=6, BL=8)
Note: The tDQSCK is used here for DQS, DQS, and DQ to have a simplified diagram; the DLL_off shift will affect both timings in the same way and the
skew between all DQ, DQS, and DQS# signals will still be tDQSQ
.
Figure 2.4.4 DLL-off mode READ Timing Operation
CK#
CK
Command
Address
DQS,DQS#(DLL_on)
DQ(DLL_on)
DQS,DQS#(DLL_off)
DQ(DLL_off)
DQS,DQS#(DLL_off)
DQ(DLL_off)
tDQSCK(DLL_off)_min
tDQSCK(DLL_off)_max
RL (DLL_off) = AL+(CL-1) = 5
RL (DLL_on) = AL+CL =6 (CL=6,AL=0)
CL=6
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
READ
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com