Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS46TR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
1
Rev. E
12/27/2024
128MX8, 64MX16 1Gb DDR3 SDRAM
JANUARY 2025
FEATURES
•
Standard Voltage: VDD and VDDQ = 1.5V ± 0.075V
•
Low Voltage (L): VDD and VDDQ = 1.35V + 0.1V, -0.067V
- Backward compatible to 1.5V
•
High speed data transfer rates with system
frequency up to 1066 MHz
•
8 internal banks for concurrent operation
•
8n-bit pre-fetch architecture
•
Programmable CAS Latency
•
Programmable Additive Latency: 0, CL-1,CL-2
•
Programmable CAS WRITE latency (CWL) based
on tCK
•
Programmable Burst Length: 4 and 8
•
Programmable Burst Sequence: Sequential or
Interleave
•
BL switch on the fly
•
Auto Self Refresh(ASR)
•
Self Refresh Temperature(SRT)
•
Refresh Interval:
7.8 µs (8192 cycles/64 ms) Tc= -40°C to 85°C
3.9 µs (8192 cycles/32 ms) Tc= 85°C to 105°C
1.95 µs (8192 cycles/16 ms) Tc= 105°C to 115°C
0.97 µs (8192 cycles/8 ms) Tc= 115°C to 125°C
•
Partial Array Self Refresh
•
Asynchronous RESET pin
•
TDQS (Termination Data Strobe) supported (x8
only)
•
OCD (Off-Chip Driver Impedance Adjustment)
•
Dynamic ODT (On-Die Termination)
•
Driver strength : RZQ/7, RZQ/6 (RZQ = 240
Ω )
•
Write Leveling
•
Up to 200 MHz in DLL off mode
•
Operating temperature:
Commercial (TC = 0°C to +95°C)
Industrial (TC = -40°C to +95°C)
Automotive, A1 (TC = -40°C to +95°C)
Automotive, A2 (TC = -40°C to +105°C)
Automotive, A25 (TC = -40°C to +115°C)
Automotive, A3 (TC = -40°C to +125°C)
OPTIONS
•
Configuration:
128Mx8
64Mx16
•
Green Package:
96-ball BGA (9mm x 13mm) for x16
96-ball BGA (7.5mm x 13mm) for x16
78-ball BGA (8mm x 10.5mm) for x8
ADDRESS TABLE
Parameter
128Mx8
64Mx16
Row Addressing
A0-A13
A0-A12
Column Addressing
A0-A9
A0-A9
Bank Addressing
BA0-2
BA0-2
Page size
1KB
2KB
Auto Precharge Addressing
A10/AP
A10/AP
BL switch on the fly
A12/BC#
A12/BC#
SPEED BIN
Speed Option
125J
107M
093N
Units
JEDEC Speed Grade
DDR3-1600J
DDR3-1866M
DDR3-2133N
CL-nRCD-nRP
10-10-10
13-13-13
14-14-14
tCK
tRCD,tRP(min)
12.5
13.91
13.09
ns
Note: Faster speed options may be backward compatible to slower speed options. Refer to timing tables (8.3)
Copyright © 2025 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the
latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS46TR16640C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46TR16640B ISSI-IS46TR16640B Datasheet
3Mb / 88P
Programmable CAS Latency
IS46TR16640BL ISSI-IS46TR16640BL Datasheet
3Mb / 88P
Programmable CAS Latency
IS46TR16640ED ISSI-IS46TR16640ED Datasheet
3Mb / 75P
128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
B1 03/12/2018
IS46TR16640ED-125KBLA1 ISSI-IS46TR16640ED-125KBLA1 Datasheet
3Mb / 74P
128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
IS46TR16640ED-125KBLA1 ISSI-IS46TR16640ED-125KBLA1 Datasheet
3Mb / 75P
128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
B1 03/12/2018
More results

Similar Description - IS46TR16640C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
1Gb DDR3 SDRAM
H5TQ1G43BFR HYNIX-H5TQ1G43BFR Datasheet
589Kb / 32P
1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
1Gb DDR3 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
logo
Integrated Silicon Solu...
IS43TR16640A ISSI-IS43TR16640A Datasheet
2Mb / 71P
128MX8, 64MX16 1Gb DDR3 SDRAM
logo
Hynix Semiconductor
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
1Gb DDR3 SDRAM
logo
Integrated Silicon Solu...
IS43TR16640ED-15HBLI ISSI-IS43TR16640ED-15HBLI Datasheet
3Mb / 74P
128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
logo
Advantech Co., Ltd.
AQD-D31GN13-SX ADVANTECH-AQD-D31GN13-SX Datasheet
544Kb / 12P
240Pin DDR3 1333 UDIMM 1GB Based on 128Mx8
2013-09-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com