Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 49 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 49 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 53Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
49
Rev. E
12/27/2024
7. IDD SPECIFICATIONS AND MEASUREMENT CONDITIONS
IDD Specifications (x8), 1.5 Operation Voltage
Symbol
Parameter/Condition
DDR3-1333
DDR3-1600
DDR3-1866
DDR3-2133
Unit
Max.
Max.
Max.
Max.
IDD0
Operating Current 0
-> One Bank Activate-> Precharge
60
65
70
77
mA
IDD1
Operating Current 1
-> One Bank Activate-> Read->
Precharge
72
76
86
91
mA
IDD2P0
Precharge Power-Down Current
Slow Exit - MR0 bit A12 = 0
17
17
17
17
mA
IDD2P1
Precharge Power-Down Current
Fast Exit - MR0 bit A12 = 1
20
20
24
29
mA
IDD2PQ
Precharge Quiet Standby Current
34
36
40
43
mA
IDD2N
Precharge Standby Current
36
39
44
47
mA
IDD3P
Active Power-Down Current
Always Fast Exit
30
33
50
52
mA
IDD3N
Active Standby Current
54
59
66
72
mA
IDD4R
Operating Current Burst Read
113
126
158
176
mA
IDD4W
Operating Current Burst Write
117
135
162
181
mA
IDD5B
Burst Refresh Current
128
132
136
140
mA
IDD6
Self-Refresh Current Normal
Temperature Range (0-85°C)
17
17
17
17
mA
IDD6ET
Self-Refresh Current: extended
temperature range
18
18
18
18
mA
IDD7
All Bank Interleave Read Current
172
192
216
224
mA
Note:
1.
Column for DDR3-1333 is for reference only.
2.
Values applicable for operation with Tc ≤ 95⁰C. When Tc > +95⁰C, IDD2P0, IDD2P1, IDD2PQ, IDD2N, IDD3P, and IDD6ET must be derated by
10%. When Tc > +105⁰C IDD2P0, IDD2P1, IDD2PQ, IDD2N, IDD3P, and IDD6ET must be derated by 30%. The specifications and notes shown in
Component Operating Tempeature Range, section 3.2 always apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com