Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 80 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 80 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 84Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
80
Rev. E
12/27/2024
9.6.5 Derating values [ps] for DDR3-800/1066 tDS/tDH - AC/DC based AC175 Threshold
AC175 Threshold -> VIH(ac) = VREF(dc) + 175mV, VIL(ac) = VREF(dc) - 175mV
DDR3
DQS, DQS# Differential Slew Rate
4.0V/ns
3.0V/ns
2.0V/ns
1.8V/ns
1.6V/ns
1.4V/ns
1.2V/ns
1.0V/ns
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
DQ Slew
Rate
V/ns
2
88
50
88
50
88
50
-
-
-
-
-
-
-
-
-
-
1.5
59
34
59
34
59
34
67
42
-
-
-
-
-
-
-
-
1
0
0
0
0
0
0
8
8
16
16
-
-
-
-
-
-
0.9
-
-
-2
-4
-2
-4
6
4
14
12
22
20
-
-
-
-
0.8
-
-
-
-
-6
-10
2
-2
10
6
18
14
26
24
-
-
0.7
-
-
-
-
-
-
-3
-8
5
0
13
8
21
18
29
34
0.6
-
-
-
-
-
-
-
-
-1
-10
7
-2
15
8
23
24
0.5
-
-
-
-
-
-
-
-
-
-
-11
-16
-2
-6
5
10
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-30
-26
-22
-10
9.6.6 Derating values [ps] for DDR3-800/1066/1333/1600 tDS/tDH - AC/DC based AC150 Threshold
AC150 Threshold -> VIH(ac) = VREF(dc) + 150mV, VIL(ac) = VREF(dc) - 150mV
DDR3
DQS, DQS# Differential Slew Rate
4.0V/ns
3.0V/ns
2.0V/ns
1.8V/ns
1.6V/ns
1.4V/ns
1.2V/ns
1.0V/ns
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
ΔtDS
ΔtDH
DQ Slew
Rate
V/ns
2
75
50
75
50
75
50
-
-
-
-
-
-
-
-
-
-
1.5
50
34
50
34
50
34
58
42
-
-
-
-
-
-
-
-
1
0
0
0
0
0
0
8
8
16
16
-
-
-
-
-
-
0.9
-
-
0
-4
0
-4
8
4
16
12
24
20
-
-
-
-
0.8
-
-
-
-
0
-10
8
-2
16
6
24
14
32
24
-
-
0.7
-
-
-
-
-
-
8
-8
16
0
24
8
32
18
40
34
0.6
-
-
-
-
-
-
-
-
15
-10
23
-2
31
8
39
24
0.5
-
-
-
-
-
-
-
-
-
-
14
-16
22
-6
30
10
0.4
-
-
-
-
-
-
-
-
-
-
-
-
7
-26
15
-10
9.6.7 Derating values [ps] for DDR3-1866/2133 tDS/tDH - AC/DC based AC135 Threshold
AC135 Threshold -> VIH(ac) = VREF(dc) + 135mV, VIL(ac) = VREF(dc) - 135mV
DC100 Threshold -> VIH(dc) = VREF(dc) + 100mV, VIL(dc) = VREF(dc) - 100mV
DDR3
DQS, DQS# Differential Slew Rate
8.0V/ns
7.0V/ns
6.0V/ns
5.0V/ns
4.0V/ns
3.0V/ns
2.0V/ns
1.8V/ns
1.6V/ns
1.4V/ns
1.2V/ns
1.0V/ns
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
ΔtD
S
ΔtD
H
DQ
Slew
Rate
V/ns
4
34
25
34
25
34
25
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3.5
29
21
29
21
29
21
29
21
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3
23
17
23
17
23
17
23
17
23
17
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2.5
-
-
14
10
14
10
14
10
14
10
14
10
-
-
-
-
-
-
-
-
-
-
-
-
2
-
-
-
-
0
0
0
0
0
0
0
0
0
0
-
-
-
-
-
-
-
-
-
-
1.5
-
-
-
-
-
-
-23
-17
-23
-17
-23
-17
-23
-17
-15
-9
-
-
-
-
-
-
-
-
1
-
-
-
-
-
-
-
-
-68
-50
-68
-50
-68
-50
-60
-42
-52
-34
-
-
-
-
-
-
0.9
-
-
-
-
-
-
-
-
-
-
-66
-54
-66
-54
-58
-46
-50
-38
-42
-30
-
-
-
-
0.8
-
-
-
-
-
-
-
-
-
-
-
-
-64
-60
-56
-52
-48
-44
-40
-36
-32
-26
-
-
0.7
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-53
-59
-45
-51
-37
-43
-29
-33
-21
-17
0.6
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-43
-61
-35
-53
-27
-43
-19
-27
0.5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-39
-66
-31
-56
-23
-40
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-36
-76
-30
-60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com