Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 25 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 25 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
25
Rev. E
12/27/2024
2.4.7.3 Write Leveling Mode Exit
The following sequence describes how the Write Leveling Mode should be exited:
1. After the last rising strobe edge, stop driving the strobe signals. Note: From now on, DQ pins are in undefined driving
mode, and will remain undefined, until tMOD after the respective MR command.
2. Drive ODT pin low (tIS must be satisfied) and continue registering low.
3. After the RTT is switched off, disable Write Level Mode via MRS command.
4. After tMOD is satisfied, any valid command may be registered. (MR commands may be issued after tMRD ).
2.4.8 Self-Refresh Mode Settings
This DDR3 DRAM supports features that allow optimization of the Self-Refresh mode. The MR2 bits A6 and A7 must be
configured appropriately.
a. Auto Self-Refresh (ASR) enable
b. Self-Refresh Temperature (SRT) Range and requirements in Normal and Elevated Temperature Ranges
Mode Register Description
Field
Bits
Description
ASR
MR2 (A6)
Auto Self-Refresh (ASR)
When enabled, this DDR3 SDRAM automatically provides Self-Refresh power management functions for all
supported operating temperature values. If not enabled, the SRT bit must be programmed as appropriate for
TOPER during subsequent Self-Refresh operation.
0 = Manual SR Reference (SRT)
1 = ASR enable
Self-Refresh Temperature (SRT) Range
If ASR = 0, the SRT bit must be programmed as appropriate for TOPER during subsequent Self-Refresh
operation.
SRT
MR2 (A7)
If ASR = 1, the SRT bit must be set to 0b
0 = Normal operating temperature range
1 = Extended operating temperature range
2.4.8.1 Auto Self-Refresh mode - ASR Mode
This DDR3 DRAM provides an Auto Self-Refresh mode (ASR) for application ease. ASR mode is enabled by setting MR2
bit A6 = 1b together with MR2 bit A7 = 0b. When ASR is enabled, while in Self-Refresh, the DRAM manages its internal
refreshing of the memory array for its operating temperature, TOPER. Using ASR can optimize power consumption when
the DRAM operating temperature changes: lower at low temperatures, and higher at high temperatures.
If the ASR mode is not enabled (MR2 bit A6 = 0b), the SRT bit (MR2 A7) must be manually programmed according to the
operating temperature during subsequent Self-Refresh operation.
Support of the ASR mode does not automatically imply support of Self-Refresh at any operating temperature, TOPER.
Refer to the next section for details about setting the SRT bit, and the Self-Refresh mode summary table, with Allowed
Operating Temperature Range for Self-Refresh Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com