Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 35 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 35 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
35
Rev. E
12/27/2024
4.4 Differential Input Cross Point Voltage
To guarantee tight setup and hold times as well as output skew parameters with respect to clock and strobe, each cross
point voltage of differential input signals (CK, CK and DQS, DQS) must meet the requirements in the following table. The
differential input cross point voltage Vix is measured from the actual cross point of true and completement signal to the
midlevel between of VDD and VSS.
Figure 4.4. Vix Definition
4.4.1 Cross point voltage for differential input signals (CK, DQS)
Symbol
Parameter
DDR3/3L-800, 1066, 1333, 1600, 1866, 2133
Unit
Note
Min.
Max.
Vix
Differential Input Cross Point Voltage relative to
VDD/2 for CK, CK
-150
150
mV
2
-175
175
mV
1
Differential Input Cross Point Voltage relative to
VDD/2 for DQS, DQS
-150
150
mV
2
Note:
1. Extended range for Vix is only allowed for clock and if single-ended clock input signals CK and CK# are monotonic with a single-ended swing VSEL /
VSEH of at least VDD/2 +/-250 mV, and when the differential slew rate of CK - CK# is larger than 3 V/ns.
2.
The following must be true: (VDD/2) + VIX(min) – VSEL > 25 mV and VSEH – ((VDD/2) + VIX (max.)) > 25mV.
4.5 Slew Rate Definitions for Single-Ended Input Signals
See “Address / Command Setup, Hold and Derating” for single-ended slew rate definitions for address and command
signals.
See “Data Setup, Hold and Slew Rate Derating” for single-ended slew rate definitions for data signals.
VDD
CK#,DQS#
VDD/2
CK,DQS
VSS
VIX
VIX
VIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com