Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 28 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 28 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
28
Rev. E
12/27/2024
3.4 Thermal Resistance
Package
Substrate
Theta-ja
(Airflow = 0m/s)
Theta-ja
(Airflow = 1m/s)
Theta-ja
(Airflow = 2m/s)
Theta-jc
Units
78-ball
4-layer
66.9
48.9
45.8
12.9
C/W
96-ball
4-layer
47.2
46.6
42.0
11.0
C/W
4. AC & DC INPUT MEASUREMENT LEVELS
4.1. AC and DC Logic Input Levels for Single-Ended Signals
4.1.1 AC and DC Input Levels for Single-Ended Command and Address Signals
Symbol
Parameter
DDR3-800/1066/1333/1600
DDR3-1866/2133
Units
Note
Min.
Max.
Min.
Max.
VIH.CA(DC100)
DC input logic high
Vref + 0.100
VDD
Vref + 0.100
VDD
V
1, 5
VIL.CA(DC100)
DC input logic low
VSS
Vref - 0.100
VSS
Vref - 0.100
V
1, 6
VIH.CA(AC175)
AC input logic high
Vref + 0.175
Note2
--
--
V
1, 2, 7
VIL.CA(AC175)
AC input logic low
Note2
Vref - 0.175
--
--
V
1, 2, 8
VIH.CA(AC150)
AC input logic high
Vref + 0.150
Note2
--
--
V
1, 2, 7
VIL.CA(AC150)
AC input logic low
Note2
Vref - 0.150
--
--
V
1, 2, 8
VIH.CA(AC135)
AC input logic high
--
--
Vref + 0.135
Note2
V
1, 2, 7
VIL.CA(AC135)
AC input logic low
--
--
Note2
Vref - 0.135
V
1, 2, 8
VIH.CA(AC125)
AC input logic high
--
--
Vref + 0.125
Note2
V
1, 2, 7
VIL.CA(AC125)
AC input logic low
--
--
Note2
Vref - 0.125
V
1, 2, 8
VREFCA(DC)
Reference Voltage for
ADD, CMD inputs
0.49 * VDD
0.51* VDD
0.49 * VDD
0.51* VDD
V
3, 4, 9
Symbol
Parameter
DDR3L-800/1066/1333/1600
DDR3L-1866/2133
Units
Note
Min.
Max.
Min.
Max.
VIH.CA(DC90)
DC input logic high
Vref + 0.09
VDD
Vref + 0.09
VDD
V
1, 5
VIL.CA(DC90)
DC input logic low
VSS
Vref - 0.09
VSS
Vref - 0.09
V
1, 6
VIH.CA(AC160)
AC input logic high
Vref + 0.16
Note2
--
--
V
1, 2, 7
VIL.CA(AC160)
AC input logic low
Note2
Vref - 0.160
--
--
V
1, 2, 8
VIH.CA(AC135)
AC input logic high
Vref + 0.135
Note2
Vref + 0.135
Note2
V
1, 2, 7
VIL.CA(AC135)
AC input logic low
Note2
Vref - 0.135
Note2
Vref - 0.135
V
1, 2, 8
VIH.CA(AC125)
AC input logic high
--
--
Vref + 0.125
Note2
V
1, 2, 7
VIL.CA(AC125)
AC input logic low
--
--
Note2
Vref - 0.125
V
1, 2, 8
VREFCA(DC)
Reference Voltage for
ADD, CMD inputs
0.49 * VDD
0.51* VDD
0.49 * VDD
0.51* VDD
V
3, 4, 9
Notes:
1. For input only pins except RESET.Vref=VREFCA(DC)
2. See "Overshoot and Undershoot Specifications"
3. The ac peak noise on VREF may not allow Vref to deviate from VREF(DC) by more than +/- 1.0% VDD.
4. For reference: DDR3 has approx. VDD/2 +/- 15mV, DDR3L has approx VDD/2 +/- 13.5mV.
5. VIH(dc) is used as a simplified symbol for VIH.CA(DC100) and VIH.CA(DC90).
6. VIL(dc) is used as a simplified symbol for VIL.CA(DC100) and VIL.CA(DC90).
7. VIH(ac) is used as a simplified symbol for VIH.CA(AC175), VIH.CA(AC160), VIH.CA(AC150), VIH.CA(AC135), and VIH.CA(AC125).
8. VIL(ac) is used as a simplified symbol for VIL.CA(AC175), VIL.CA(AC160), VIL.CA(AC150), VIL.CA(AC135) and VIL.CA(AC125).
9. VREFCA(DC) is measured relative to VDD at the same point in time on the same device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com