Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83266 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 2Page - National Semiconductor (TI) DP83266 Datasheet HTML 3Page - National Semiconductor (TI) DP83266 Datasheet HTML 4Page - National Semiconductor (TI) DP83266 Datasheet HTML 5Page - National Semiconductor (TI) DP83266 Datasheet HTML 6Page - National Semiconductor (TI) DP83266 Datasheet HTML 7Page - National Semiconductor (TI) DP83266 Datasheet HTML 8Page - National Semiconductor (TI) DP83266 Datasheet HTML 9Page - National Semiconductor (TI) DP83266 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 152 page
background image
20 General Features (Continued)
In addition to the 46 kByte data FIFOs both the transmit
and receive data paths contain Burst FIFO Blocks each of
which are organized as two banks of eight 32-bit words
221 FRAME-PER-PAGE-PER-CHANNEL
The MACSI device has a feature which allows control of the
Frame-per-Page mode (available on the BSI device) on a
per-Channel basis For example this is useful in systems
where Frame-per-Page mode is used to speed up memory
space reclamation on an LLC channel but where packing
multiple frames into each page is desired to save space on
the SMT channel
222 COPY ALL MULTICAST
The MACSI provides a copy mode which allows all frames
which are addressed with multicast addresses to be copied
Multicast addresses are those that have the Individual
Group address bit (most significant bit of the FDDI address)
set This simple scheme allows flexibility in the use of multi-
cast addresses The MACSI device copies all multicast
frames and software makes the final determination as to
which multicast groups this station belongs
223 BRIDGE STRIPPING INFORMATION
The MACSI device provides an output designed to make it
easier to build transparent bridges Source Address Trans-
parency features are provided as well as features to allow
these frames to be stripped from the ring For transparent
bridges it is important to know when the MACSI is using this
stripping feature to remove frames from the ring which were
forwarded by this bridge but with an unknown source ad-
dress (ie Source Address Transparency enabled) This is
important because the bridge does not want to ‘‘learn’’
these addresses This feature is provided by the MACSI in
the form of an output pin indicating which frames contain
addresses which should be added to the address filter table
(ie learned)
224 LED STATUS CONTROL OUTPUTS
The MACSI device (revision D and later) provides two out-
puts that give Transmit and Receive status information use-
ful for controlling LEDs The MACSI asserts the TXLED pin
each time that it detects that the Request State machine
has entered the ‘‘sending’’ state (once per transmitted
frame) Note that it will not assert TXLED for internally gen-
erated MAC frames It asserts the RXLED pin each time it
detects the End Delimiter of a copied frame (VCOPY and
EDRCVD) Both of these pins use Open Drain output struc-
tures (this preserves pin compatibility with MACSI devices
prior to revision D) Therefore they require pull-up resistors
when used for LED control information To increase the LED
on-time for visibility the User must supply one-shot circuits
triggered by TXLED and RXLED
225 JTAG BOUNDARY SCAN
The MACSI device supports the JTAG boundary scan stan-
dard (IEEE Std 11491 – 1990)
30 Architectural Description
The MACSI is derived from the BMAC and BSI devices The
MACSI is composed of the Ring Engine the Service Engine
and the Bus Interface Unit The Ring Engine performs the
FDDI MAC Timed token protocol and contains the MAC
transmitter and receiver The Service Engine implements
the Request and Indicate Data Services and contains the
Transmit and Receive Data FIFOs The Bus Interface Unit
implements the high speed synchronous bus handshake
and contains the Burst FIFOs
The MACSI device uses a full duplex architecture and pro-
vides sufficient bandwidth at the ABus for full duplex trans-
mission with support for through parity
Figure 3-1 shows
the MACSI device architecture
TLF11705 – 2
FIGURE 3-1 MACSI Device Block Diagram
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com