| Electronic Components Datasheet Search |
|
MC68HC908AP16CFB Datasheet(PDF) 146 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908AP16CFB Datasheet(HTML) 146 Page - Motorola, Inc |
|
146 / 440 page ![]() System Integration Module (SIM) Data Sheet MC68HC908AP Family — Rev. 2.5 146 MOTOROLA 9.6 Low-Power Modes Executing the WAIT or STOP instruction puts the MCU in a low power- consumption mode for standby situations. The SIM holds the CPU in a non-clocked state. The operation of each of these modes is described in the following subsections. Both STOP and WAIT clear the interrupt mask (I) in the condition code register, allowing interrupts to occur. 9.6.1 Wait Mode In wait mode, the CPU clocks are inactive while the peripheral clocks continue to run. Figure 9-15 shows the timing for wait mode entry. A module that is active during wait mode can wake up the CPU with an interrupt if the interrupt is enabled. Stacking for the interrupt begins one cycle after the WAIT instruction during which the interrupt occurred. In wait mode, the CPU clocks are inactive. Refer to the wait mode subsection of each module to see if the module is active or inactive in wait mode. Some modules can be programmed to be active in wait mode. Wait mode also can be exited by a reset or break. A break interrupt during wait mode sets the SIM break stop/wait bit, SBSW, in the SIM break status register (SBSR). If the COP disable bit, COPD, in the mask option register is logic 0, then the computer operating properly module (COP) is enabled and remains active in wait mode. Figure 9-15. Wait Mode Entry Timing Figure 9-16 and Figure 9-17 show the timing for WAIT recovery. WAIT ADDR + 1 SAME SAME IAB IDB PREVIOUS DATA NEXT OPCODE SAME WAIT ADDR SAME R/W NOTE: Previous data can be operand data or the WAIT opcode, depending on the last instruction. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |