Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 280 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 280 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 276Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 277Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 278Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 279Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 280Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 281Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 282Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 283Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 284Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 440 page
background image
Infrared Serial Communications
Data Sheet
MC68HC908AP Family — Rev. 2.5
280
MOTOROLA
normal operation, clear the SCTE bit by reading IRSCS1 with SCTE
set and then writing to IRSCDR. Reset sets the SCTE bit.
1 = IRSCDR data transferred to transmit shift register
0 = IRSCDR data not transferred to transmit shift register
TC — Transmission Complete Bit
This read-only bit is set when the SCTE bit is set, and no data,
preamble, or break character is being transmitted. TC generates an
SCI transmitter CPU interrupt request if the TCIE bit in IRSCC2 is also
set. TC is automatically cleared when data, preamble or break is
queued and ready to be sent. There may be up to 1.5 transmitter
clocks of latency between queueing data, preamble, and break and
the transmission actually starting. Reset sets the TC bit.
1 = No transmission in progress
0 = Transmission in progress
SCRF — SCI Receiver Full Bit
This clearable, read-only bit is set when the data in the receive shift
register transfers to the SCI data register. SCRF can generate an SCI
receiver CPU interrupt request. When the SCRIE bit in IRSCC2 is set,
SCRF generates a CPU interrupt request. In normal operation, clear
the SCRF bit by reading IRSCS1 with SCRF set and then reading the
IRSCDR. Reset clears SCRF.
1 = Received data available in IRSCDR
0 = Data not available in IRSCDR
IDLE — Receiver Idle Bit
This clearable, read-only bit is set when 10 or 11 consecutive logic 1s
appear on the receiver input. IDLE generates an SCI receiver CPU
interrupt request if the ILIE bit in IRSCC2 is also set. Clear the IDLE
bit by reading IRSCS1 with IDLE set and then reading the IRSCDR.
After the receiver is enabled, it must receive a valid character that sets
the SCRF bit before an idle condition can set the IDLE bit. Also, after
the IDLE bit has been cleared, a valid character must again set the
SCRF bit before an idle condition can set the IDLE bit. Reset clears
the IDLE bit.
1 = Receiver input idle
0 = Receiver input active (or idle since the IDLE bit was cleared)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com