Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 281 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 281 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 277Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 278Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 279Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 280Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 281Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 282Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 283Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 284Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 285Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 440 page
background image
Infrared Serial Communications Interface Module (IRSCI)
I/O Registers
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
281
OR — Receiver Overrun Bit
This clearable, read-only bit is set when software fails to read the
IRSCDR before the receive shift register receives the next character.
The OR bit generates an SCI error CPU interrupt request if the ORIE
bit in IRSCC3 is also set. The data in the shift register is lost, but the
data already in the IRSCDR is not affected. Clear the OR bit by
reading IRSCS1 with OR set and then reading the IRSCDR. Reset
clears the OR bit.
1 = Receive shift register full and SCRF = 1
0 = No receiver overrun
Software latency may allow an overrun to occur between reads of
IRSCS1 and IRSCDR in the flag-clearing sequence. Figure 14-16
shows the normal flag-clearing sequence and an example of an
overrun caused by a delayed flag-clearing sequence. The delayed
read of IRSCDR does not clear the OR bit because OR was not set
when IRSCS1 was read. Byte 2 caused the overrun and is lost. The
next flag-clearing sequence reads byte 3 in the IRSCDR instead of
byte 2.
In applications that are subject to software latency or in which it is
important to know which byte is lost due to an overrun, the flag-
clearing routine can check the OR bit in a second read of IRSCS1
after reading the data register.
NF — Receiver Noise Flag Bit
This clearable, read-only bit is set when the SCI detects noise on the
RxD pin. NF generates an SCI error CPU interrupt request if the NEIE
bit in IRSCC3 is also set. Clear the NF bit by reading IRSCS1 and
then reading the IRSCDR. Reset clears the NF bit.
1 = Noise detected
0 = No noise detected
FE — Receiver Framing Error Bit
This clearable, read-only bit is set when a logic 0 is accepted as the
stop bit. FE generates an SCI error CPU interrupt request if the FEIE
bit in IRSCC3 also is set. Clear the FE bit by reading IRSCS1 with FE
set and then reading the IRSCDR. Reset clears the FE bit.
1 = Framing error detected
0 = No framing error detected
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com