Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 284 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 284 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 280Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 281Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 282Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 283Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 284Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 285Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 286Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 287Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 288Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 440 page
background image
Infrared Serial Communications
Data Sheet
MC68HC908AP Family — Rev. 2.5
284
MOTOROLA
14.10.6 IRSCI Data Register
The IRSCI data register is the buffer between the internal data bus and
the receive and transmit shift registers. Reset has no effect on data in
the IRSCI data register.
R7/T7–R0/T0 — Receive/Transmit Data Bits
Reading the IRSCDR accesses the read-only received data bits,
R7–R0. Writing to the IRSCDR writes the data to be transmitted,
T7–T0. Reset has no effect on the IRSCDR.
NOTE:
Do not use read/modify/write instructions on the IRSCI data register.
Address:
$0045
Bit 7
654321
Bit 0
Read:
R7
R6
R5
R4
R3
R2
R1
R0
Write:
T7
T6
T5
T4
T3
T2
T1
T0
Reset:
Unaffected by reset
Figure 14-18. IRSCI Data Register (IRSCDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com