Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 288 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 288 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 284Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 285Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 286Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 287Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 288Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 289Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 290Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 291Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 292Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 440 page
background image
Infrared Serial Communications
Data Sheet
MC68HC908AP Family — Rev. 2.5
288
MOTOROLA
14.10.8 IRSCI Infrared Control Register
The infrared control register contains the control bits for the infrared sub-
module.
•
Enables the infrared sub-module
•
Selects the infrared transmitter narrow pulse width
TNP1 and TNP0 — Transmitter Narrow Pulse Bits
These read/write bits select the infrared transmitter narrow pulse
width as shown in Table 14-10. Reset clears TNP1 and TNP0.
IREN — Infrared Enable Bit
This read/write bit enables the infrared sub-module for encoding and
decoding the SCI data stream. When this bit is clear, the infrared sub-
module is disabled. Reset clears the IREN bit.
1 = infrared sub-module enabled
0 = infrared sub-module disabled
Address:
$0047
Bit 7
654321
Bit 0
Read:
R
000
R
TNP1
TNP0
IREN
Write:
Reset:
00000000
= Unimplemented
R
= Reserved
Figure 14-20. IRSCI Infrared Control Register (IRSCIRCR)
Table 14-10. Infrared Narrow Pulse Selection
TNP1 and TNP0
Prescaler Divisor (PD)
00
SCI transmits a 3/16 narrow pulse
01
SCI transmits a 1/16 narrow pulse
10
SCI transmits a 1/32 narrow pulse
11
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com