Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 287 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 287 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 283Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 284Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 285Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 286Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 287Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 288Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 289Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 290Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 291Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 440 page
background image
Infrared Serial Communications Interface Module (IRSCI)
I/O Registers
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
287
Table 14-9. IRSCI Baud Rate Selection Examples
SCP1 and
SCP0
Prescaler
Divisor (PD)
SCR2, SCR1,
and SCR0
Baud Rate
Divisor (BD)
Baud Rate
(fBUS = 4.9152 MHz)
00
1
000
1
—
00
1
001
2
—
00
1
010
4
76800
00
1
011
8
38400
00
1
100
16
19200
00
1
101
32
9600
00
1
110
64
4800
00
1
111
128
2400
01
3
000
1
—
01
3
001
2
51200
01
3
010
4
25600
01
3
011
8
12800
01
3
100
16
6400
01
3
101
32
3200
01
3
110
64
1600
01
3
111
128
800
10
4
000
1
76800
10
4
001
2
38400
10
4
010
4
19200
10
4
011
8
9600
10
4
100
16
4800
10
4
101
32
2400
10
4
110
64
1200
10
4
111
128
600
11
13
000
1
23632
11
13
001
2
11816
11
13
010
4
5908
11
13
011
8
2954
11
13
100
16
1477
11
13
101
32
739
11
13
110
64
369
11
13
111
128
185
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com