Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 285 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 285 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 281Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 282Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 283Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 284Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 285Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 286Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 287Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 288Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 289Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 440 page
background image
Infrared Serial Communications Interface Module (IRSCI)
I/O Registers
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
285
14.10.7 IRSCI Baud Rate Register
The baud rate register selects the baud rate for both the receiver and the
transmitter.
CKS — Baud Clock Input Select
This read/write bit selects the source clock for the baud rate
generator. Reset clears the CKS bit, selecting CGMXCLK.
1 = Bus clock drives the baud rate generator
0 = CGMXCLK drives the baud rate generator
SCP1 and SCP0 — SCI Baud Rate Prescaler Bits
These read/write bits select the baud rate prescaler divisor as shown
in Table 14-7. Reset clears SCP1 and SCP0.
SCR2–SCR0 — SCI Baud Rate Select Bits
These read/write bits select the SCI baud rate divisor as shown in
Table 14-8. Reset clears SCR2–SCR0.
Address:
$0046
Bit 7
654321
Bit 0
Read:
CKS
0
SCP1
SCP0
R
SCR2
SCR1
SCR0
Write:
Reset:
00000000
= Unimplemented
R
= Reserved
Figure 14-19. IRSCI Baud Rate Register (IRSCBR)
Table 14-7. SCI Baud Rate Prescaling
SCP1 and SCP0
Prescaler Divisor (PD)
00
1
01
3
10
4
11
13
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com