Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTINY817-MFR. Datasheet(PDF) 171 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 171 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 167Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 168Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 169Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 170Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 171Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 172Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 173Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 174Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 492 page
background image
Bit 0 – LCMP0EN: Low-byte Compare 0 Enable
Setting the LCMPnEN/HCMPnEN bits in the FRQ or PWM waveform generation mode of operation will
override the port output register for the corresponding WOn pin.
20.7.3
Control C - Split Mode
Name: 
CTRLC
Offset:  0x02
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
HCMP2OV
HCMP1OV
HCMP0OV
LCMP2OV
LCMP1OV
LCMP0OV
Access
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
Bit 6 – HCMP2OV: High-byte Compare 2 Output Value
See LCMP0OV.
Bit 5 – HCMP1OV: High-byte Compare 1 Output Value
See LCMP0OV.
Bit 4 – HCMP0OV: High-byte Compare 0 Output Value
See LCMP0OV.
Bit 2 – LCMP2OV: Low-byte Compare 2 Output Value
See LCMP0OV.
Bit 1 – LCMP1OV: Low-byte Compare 1 Output Value
See LCMP0OV.
Bit 0 – LCMP0OV: Low-byte Compare 0 Output Value
The LCMPnOV/HCMPn bits allow direct access to the waveform generator's output compare value when
the timer/counter is not enabled. This is used to set or clear the WOn output value when the timer/counter
is not running.
20.7.4
Control D
Name: 
CTRLD
Offset:  0x03
Reset: 
0x00
Property:
 
-
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com