Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 44Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 45Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 46Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 47Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 48Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 49Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 50Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 51Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 136 page
background image
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
DS20006381A-page 48
 2020 Microchip Technology Inc.
4.8.2
NOISE-SHAPING REQUANTIZER
(NSR)
The device includes 11-bit and 12-bit digital
Noise-Shaping Requantizer (NSR) options. When this
function is enabled (see Register 5-33), output data is
requantized to 11-bit or 12-bit, respectively. The NSR
reshapes the requantization noise function and
pushes most of the noise outside the frequency band
of interest. As a result, the noise floor within the
selected bandwidth is substantially lower than that of a
typical 12-bit ADC.
To ensure the stability of the NSR, the input signal to
the NSR should be limited to less than -0.8 dBFS
(~90% of full scale). This can be achieved either by
limiting the analog input level or by adjusting the digital
gain control. See Section 4.9 “Digital Offset and
Digital Gain Settings” and Registers 5-63 to 5-70 for
details on the digital gain control. Input levels higher
than -0.8 dBFS may corrupt the NSR output and
should be avoided.
The NSR feature is available only for the single- and
dual-channel modes and can be independently
controlled per channel via the register settings. Two
NSRs are used:
• NSRA for channel A
• NSRB for channel B
In single-channel mode, only NSRA is used. In
dual-channel mode, both NSRA and NSRB are used:
NSRA is used for the first selected channel, and
NSRB is used for the second selected channel. Both
have 11-bit and 12-bit options. Each NSR block
consists of a series of filters which are selectable using
the NSRA<6:0> and NSRB<6:0> register bit settings.
Each filter is defined by a specific percentage
bandwidth and center frequency. The available
percentage bandwidths are:
• 11-bit mode: 22% and 25% of the sampling
frequency
• 12-bit mode: 25% and 29% of the sampling
frequency
The center frequency of the band is tunable such that
the frequency band of interest can be placed
anywhere within the Nyquist band. Table 4-12 lists all
the NSR-related registers. Equations 4-5 and 4-6
describe the NSR bandwidth of the 11-bit and 12-bit
options, respectively.
EQUATION 4-5:
NSR BANDWIDTH FOR
11-BIT OPTION
NSR represents the NSR filter number. See Tables 4-
13 and 4-14 for details.
EQUATION 4-6:
NSR BANDWIDTH FOR
12-BIT OPTION
NSR represents the NSR filter number. See Tables 4-
13 and 4-14 for details.
The center frequency of the band is tuned such that
the frequency spectrum of interest can be placed
anywhere within the Nyquist band. Figure 4-15 shows
a graphical demonstration of the NSR bandwidth,
which is a percentage of the ADC sampling frequency.
FIGURE 4-15:
Graphical demonstration of the
NSR filter’s transfer function. Note that fB is controlled
as a percentage of the sampling frequency (fS).
(a) 22% BW:
fCenter
fS
----------------0.12
0.22
20
----------NSR
+
=
(b) 25% BW:
fCenter
fS
----------------0.125
0.25
20
----------NSR 21
–

+
=
where 0
NSR 20
where 21
NSR 41
(a) 25% BW:
(b) 29% BW:
fCenter
fS
----------------0.125
0.25
20
----------NSR 42
–

+
=
fCenter
fS
----------------0.15
0.29
12
----------
NSR 63
–

+
=
where 42
NSR 62
where 63
NSR 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com