Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 45Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 46Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 47Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 48Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 49Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 50Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 51Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 52Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 49
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
Tables 4-13 and 4-14 show the NSR filter selections.
The selectable filters (tuning word) for each mode are:
• 11-bit mode: 0 to 41
• 12-bit mode: 42 to 76
NSR does not affect harmonic distortion. Various FFT
spectrum plots when NSR is applied are shown in
Figure 3-13 to Figure 3-18. As shown in these plots,
high SNR can be achieved by utilizing the NSR
feature. The SNR is calculated within the defined NSR
bandwidth. SNR and SFDR performance versus input
amplitude when NSR is enabled is shown in Figure 3-
21. When the NSR block is disabled, the ADC data is
provided directly to the output.
When the NSR block is disabled, the ADC data is
provided directly to the output.
TABLE 4-12:
REGISTER CONTROL PARAMETERS FOR NSR
Control Parameter
Register
Descriptions
NSR Enable bits
<EN_NSRA_11>
0x7A
Enable 11-bit NSR for channel A
<EN_NSRA_12>
0x7A
Enable 12-bit NSR for channel A
<EN_NSRB_11>
0x7A
Enable 11-bit NSR for channel B
<EN_NSRB_12>
0x7A
Enable 12-bit NSR for channel B
NSR Settings
NSRA<6:0>
0x78
NSR A settings for single-channel or channel A for dual-channel mode
NSRB<6:0>
0x79
NSR B settings for channel B in dual-channel mode
NSR Block Reset Control
<EN_NSR_RESET>
0x78
Resets NSR in the event of overload
Digital Post Processing (DPP) Function Block Settings
EN_DPPDUAL
0x79
Enable DPP block for dual-channel mode
TABLE 4-13:
11-BIT NSR FILTER
SELECTION(1)
NSR Filter No.
(Tuning Word)
fCenter/fS
fB
(% of fS)
NSRA<6:0>
NSRB<6:0>
00.12
22
000-0000
1
0.133
22
000-0001
2
0.146
22
000-0010
—
—
19
0.367
22
001-0011
20
0.38
22
001-0100
21
0.125
25
001-0101
22
0.1375
25
001-0110
23
0.15
25
001-0111
—
—
40
0.3625
25
010-1000
41
0.375
25
010-1001
Note 1:
Filters 0 - 41 are used for 11-bit mode
only. If these are used for 12-bit mode, the
output becomes unknown state.
TABLE 4-14:
12-BIT NSR FILTER
SELECTION(1)
NSR Filter No.
(Tuning Word)
fCenter/fS
fB
(% of fS)
NSRA<6:0>
NSRB<6:0>
42
0.125
25
010-1010
43
0.1375
25
010-1011
44
0.15
25
010-1100
—
61
0.3625
25
011-1101
62
0.375
25
011-1110
63
0.15
29
011-1111
64
0.1667
29
100-0000
65
0.1833
29
100-0001
—
—
75
0.35
29
100-1011
76
0.3667
29
100-1100
Note 1:
Filters 42 - 76 are used for 12-bit mode
only. If these are used for 11-bit mode, the
output becomes unknown state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com