Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 75Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 76Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 77Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 78Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 79Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 80Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 81Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 82Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 79
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
REGISTER 5-3:
ADDRESS 0X02 – OUTPUT DATA AND CLOCK RATE CONTROL(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OUT_DATARATE<3:0>
OUT_CLKRATE<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
OUT_DATARATE<3:0>: Output data rate control bits
1111 = Output data is all 0’s
1110 = Output data is all 0’s
1101 = Output data is all 0’s
1100 = Internal test only(2)
1011 = Internal test only(2)
1010 = Internal test only(2)
1001 = Full speed divided by 512
1000 = Full speed divided by 256
0111 = Full speed divided by 128
0110 = Full speed divided by 64
0101 = Full speed divided by 32
0100 = Full speed divided by 16
0011 = Full speed divided by 8
0010 = Full speed divided by 4
0001 = Full speed divided by 2
0000 = Full-speed rate (Default)
bit 3-0
OUT_CLKRATE<3:0>: Output clock rate control bits(3,4)
1111 = Full-speed rate
1110 = No clock output
1101 = No clock output
1100 = No clock output
1011 = No clock output
1010 = No clock output
1001 = Full speed divided by 512
1000 = Full speed divided by 256
0111 = Full speed divided by 128
0110 = Full speed divided by 64
0101 = Full speed divided by 32
0100 = Full speed divided by 16
0011 = Full speed divided by 8
0010 = Full speed divided by 4
0001 = Full speed divided by 2
0000 = No clock output (Default)
Note
1:
This register should be used to realign the output data and clock when the decimation or digital down-conversion (DDC) option
is used.
2:
1100 - 1010: Do not reprogram. These settings are used for the internal test only. If these bits are reprogrammed with differ-
ent settings, the outputs will be in an undefined state.
3:
Bits <3:0> become active if EN_DATCLK_IND = 1 in Address 0x01 (Register 5-2).
4:
When no clock output is selected (Bits 1110 - 1010): clock output is not available at the DCLK+/DCLK- pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com