Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 65Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 66Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 67Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 68Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 69Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 70Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 71Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 72Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 69
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
4.13.1.1
Hardware Reset
A hard reset is triggered by toggling the RESET pin. On
the rising edge, all internal calibration registers and
user registers are initialized to their default states and
recalibration of the ADC begins. The recalibration time
is the same as the power-up calibration time. See
Figure 2-6 for the timing details of the hardware
RESET pin.
4.13.1.2
Soft Reset
The user can issue a Soft Reset command for a fast
recalibration of the ADC by setting the SOFT_RESET
bit to ‘0’ in Address 0x00 (Register 5-1). During Soft
Reset, all internal calibration registers are initialized to
their initial default states. User registers are unaffected.
When exiting the Soft Reset (changing from ‘0’ to ‘1’),
an automatic device calibration takes place.
4.14
Power Dissipation and Power
Savings
The power dissipation of the ADC core is proportional
to the sample rate (fS). The digital power dissipation of
the CMOS outputs are determined primarily by the
strength of the digital drivers and the load condition on
each output pin. The maximum digital load current
(ILOAD) can be calculated as:
EQUATION 4-12:
CMOS OUTPUT LOAD
CURRENT
The capacitive load presented at the output pins
needs to be minimized to minimize digital power
consumption. The output load current of the LVDS
output
is
constant,
since
it
is
set
by
LVDS_IMODE<2:0> in Address 0x63 (Register 5-21).
4.14.1
POWER-SAVING MODES
This device has two power-saving modes:
• Shutdown
• Standby
They are set by the SHUTDOWN and STANDBY bits in
Address 0x00 (Register 5-1).
In Shutdown mode, most of the internal circuitry,
including the reference and clock, are turned off with
the exception of the SPI interface. During Shutdown,
the device consumes 23 mA (typical), primarily due to
digital leakage. When exiting from Shutdown, issuing a
Soft Reset at the same time is highly recommended.
This will perform a fast recalibration of the ADC. The
contents of the internal registers are not affected by the
Soft Reset.
In Standby mode, most of the internal circuitry is
disabled except for the reference, clock and SPI
interface. If the device has been in standby for an
extended period of time, the current calibration value
may not be accurate. Therefore, when exiting from
Standby mode, executing the device Soft Reset at the
same time is highly recommended.
4.15
AutoSync Mode: Synchronizing
Multiple ADCs at the Same Clock
using Master and Slave
Configuration
AutoSync allows multiple devices to sample analog
inputs synchronously at the same clock edge. Output
data is also presented synchronously if they are using
the same digital signal post-processing options.
Figure 4-28 shows the system configuration using the
AutoSync feature. Three examples with timing
diagram are shown in Figure 2-7
– Figure 2-9.
Once the devices are synchronized, each device
performs internal calibration (
TPCAL) before sending out
valid data output. Any ADC data output before the
calibration is complete should be ignored.
Note that the calibration time varies slightly from device
to device, and the internal calibration status can be
monitored using the CAL pin or ADC_CAL_STAT bit in
the Register Address 0xC0.
The valid synchronized output is available when all
devices complete their own internal calibration. For this
reason, the user has two options for the synchronized
output: (a) monitor the calibration status of individual
devices and wait until all devices complete calibrations
or (b) use an external AND gate as shown in Figure 4-
27. Master and all Slave devices are synchronized when
the AND gate output toggles to “High”.
The AutoSync feature can be used with the following
steps:
• Master device is selected by setting SLAVE pin to
“GND”: SYNC pin becomes output pin.
• Slave device is selected by setting SLAVE pin to
“High” (or tie to DVDD18): SYNC pin becomes
input pin.
• Feed the Master’s SYNC pin output to Slave’s
SYNC pin.
• Use AutoSync mode using (a) Power-On Reset
(Figure 2-7), (b) RESET Pin (Figure 2-8), or (c)
SOFT RESET bit (Figure 2-9).
ILOAD
DVDD1.8 fDCLK NCLOAD
=
Where:
N = Number of bits
CLOAD = Capacitive load of output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com