Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 78Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 79Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 80Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 81Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 82Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 83Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 84Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 85Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 136 page
background image
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
DS20006381A-page 82
 2020 Microchip Technology Inc.
REGISTER 5-8:
ADDRESS 0X53 – CLOCK SOURCE SELECTION
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
FCB<6:4>
CLK_SOURCE
FCB<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
FCB<6:4>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 4
CLK_SOURCE: Select internal timing source
1 =
PLL output is selected as timing source
0 =
External clock input is selected as timing source (Default)
bit 3-0
FCB<3:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
REGISTER 5-9:
ADDRESS 0X54 – PLL REFERENCE DIVIDER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PLL_REFDIV<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
PLL_REFDIV<7:0>: PLL Reference clock divider control bits(1)
1111-1111 = PLL reference divided by 255 (if PLL_REFDIV<9:8> = 00)
1111-1110 = PLL reference divided by 254 (if PLL_REFDIV<9:8> = 00)
• • •
0000-0011 = PLL reference divided by 3 (if PLL_REFDIV<9:8> = 00)
0000-0010 = Do not use (No effect)
0000-0001 = PLL reference divided by 1 (if PLL_REFDIV<9:8> = 00)
0000-0000 = PLL reference not divided (if PLL_REFDIV<9:8> = 00) (Default)
Note
1:
PLL_REFDIV is a 10-bit wide setting. See Address 0x55 (Register 5-10) for the upper two bits and Table 5-4 for PLL_REF-
DIV<9:0> bit settings. This setting controls the clock division ratio of the PLL reference clock (external clock input at the CLK
pin) before the PLL phase-frequency detector circuitry. Note that the divider value of 2 is not supported. EN_PLL_REFDIV in
Address 0x59 (Register 5-14) must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com