Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 76Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 77Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 78Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 79Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 80Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 81Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 82Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 83Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 136 page
background image
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
DS20006381A-page 80
 2020 Microchip Technology Inc.
REGISTER 5-4:
ADDRESS 0X04 – SPI SDO OUTPUT TIMING CONTROL
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
SDO_TIME
FCB<6:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SDO_TIME: SPI SDO output timing control bit
1 =
SDO output at the falling edge of clock (Default)
0 =
SDO output at the rising edge of clock
bit 6-0
FCB<6:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
REGISTER 5-5:
ADDRESS 0X07 – OUTPUT RANDOMIZER AND WCK POLARITY CONTROL
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
POL_WCK
EN_AUTOCAL_-
TIMEDLY
FCB<4:0>
EN_OUT_RANDOM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
POL_WCK: WCK polarity control bit(1)
1 =
Inverted
0 =
Not inverted (Default)
bit 6
EN_AUTOCAL_TIMEDLY: Auto-calibration starter time delay counter control bit(2)
1 =
Enabled (Default)
0 =
Disabled
bit 5-1
FCB<4:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 0
EN_OUT_RANDOM: Output randomizer control bit
1 =
Enabled: ADC data output is randomized
0 =
Disabled (Default)
Note
1:
See Address 0x68 (Register 5-26) for WCK/OVR pair control.
2:
This bit enables the AUTOCAL_TIMEDLY<7:0> settings. See Address 0x1E (Register 5-6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com