Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 91 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 91 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 87Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 88Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 89Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 90Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 91Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 92Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 93Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 94Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 91
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
REGISTER 5-22:
ADDRESS 0X64 – OUTPUT CLOCK PHASE CONTROL WHEN DECIMATION FILTER IS USED
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
EN_PHDLY
DCLK_PHDLY_DEC<2:0>
FCB<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EN_PHDLY: Enable digital output clock phase delay control when DLL or decimation filter is used.
1 =
Enabled
0 =
Disabled (Default)
bit 6-4
DCLK_PHDLY_DEC<2:0>: Digital output clock phase delay control when decimation filter is used(2)
111 = +315° phase-shifted from default(2)
110 = +270° phase-shifted from default
101 = +225° phase-shifted from default(2)
100 = +180° phase-shifted from default
011 = +135° phase-shifted from default(2)
010 = +90° phase-shifted from default
001 = +45° phase-shifted from default(2)
000 = Default(3)
bit 3-0
FCB<3:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
Note
1:
These bits have an effect only if EN_PHDLY = 1. See Address 0x52 (Register 5-7) for the same feature when DLL is used.
2:
Only available when the decimation filter setting is greater than 2. When FIR_A/B <8:1> = 0’s (default) and FIR_A<6> = 0, only 4-
phase shifts are available (+45°, +135°, +225°, +315°) from default. See Addresses 0x7A, 0x7B and 0x7C (Registers 5-35 – 5-37).
See Addresses 0x6D and 0x52 (Registers 5-28 and 5-7) for DCLK phase shift for other modes.
3:
The phase delay for all other settings is referenced to this default phase.
REGISTER 5-23:
ADDRESS 0X65 – LVDS OUTPUT POLARITY CONTROL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
POL_LVDS<5:0>
NO EFFECT<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
POL_LVDS<5:0>: Control polarity of LVDS data pairs (Q5+/Q5- – Q0+/Q0-)
111111 = Invert all LVDS pairs
111110 = Invert all LVDS pairs except the LSb pair
• • •
100000 = Invert MSb LVDS pair
• • •
000001 = Invert LSb LVDS pair
000000 = No inversion of LVDS bit pairs (Default)
bit 1-0
NO EFFECT<1:0>: No effect bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com