Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 48Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 49Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 50Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 51Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 52Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 53Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 54Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 55Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 136 page
background image
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
DS20006381A-page 52
 2020 Microchip Technology Inc.
4.8.4
DIGITAL DOWN-CONVERSION
The Digital Down-Conversion (DDC) feature is
available in single, dual, and CW octal-channel modes.
This feature can be optionally combined with the
decimation filter and used to:
• translate the input frequency spectrum to a lower
frequency band
• remove the unwanted out-of-band portion
• output the resulting signal as either I/Q data or as
a real signal centered at 25% of the output data
rate.
Figure 4-17
and
Figure 4-18
show
the
DDC
configuration for single- and dual-channel DDC mode,
respectively. The DDC includes a 32-bit, complex
numerically controlled oscillator (NCO), a selectable
(high/low) half-band filter, optional decimation, and two
output modes (I/Q or fS/8).
Frequency translation is accomplished with the NCO.
The NCO frequency is programmable from 0 Hz to fS.
Phase and amplitude dither can be enabled to improve
spurious performance of the NCO.
This DDC feature can be used in a variety of high-
speed signal-processing applications, including digital
radio, sonar, radar, cable modems, digital video, MRI
imaging, etc.
Example:
If the ADC is sampling an input at 80 Msps, but the user
is only interested in a 2.5 MHz span which is centered
at 20 MHz, the digital down-conversion may be used to
mix the sampled ADC data with 20 MHz to convert it to
DC. The resulting signal can then be decimated by 16x
such that the bandwidth of the ADC output is 2.5 MHz
(80 Msps/16x decimation gives 5 Msps with 2.5 MHz
Nyquist bandwidth). If fS/8 mode is selected, then a
single 10 Msps channel is output (corresponding to 5
MHz Nyquist bandwidth), where 2.5 MHz in the output
data corresponds to 20 MHz at the ADC input. If I/Q
mode is selected, then two 5 Msps channels are
output, where DC corresponds to 20 MHz and the
channels represent in-phase (I) and quadrature (Q)
components of the down-conversion.
4.8.4.1
Single-Channel DDC
Figure 4-17
shows
the
single-channel
DDC
configuration. Each of these processing sub-blocks are
individually controlled. Examples of setting registers for
selected output type are shown in Tables 4-17 and 4-18.
FIGURE 4-17:
Simplified DDC Block Diagram for Single-Channel Mode. See Tables 4-17 and 4-18
for Using This DDC Block.
Half-Band Filter A
LP/HP
NCO (32-bit)
CH. A
I
Q
Down-Converting and Decimation
HBFILTER_A
Decimation and Output Frequency Translation
FIR A
Decimation Filter
(Note 2)
(Note 1)
(Note 1)
Real
(Note 3)
EN_DDC2
EN_DDC_FS/8
NCO (
)
EN_DDC1
fS/8
DER
EN_NCO
(Note 4)
(Note 5)
ADC DATA
COS
SIN
FIR_A<8:1>
FIR_B<7:0>
FIR B
Decimation Filter
I or IDEC
Q or QDEC
RealDEC
or
Note 1: See Address 0x80 - 0x81 (Registers 5-41 – 5-42) for the control parameters.
2: See Figure 4-19 for details of NCO control block.
3: Half-band Filter A includes a single- stage decimation filter.
4: See Figure 4-16 for details.
5: Switches are closed if decimation filter is not used, and open if decimation filter is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com