Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 67Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 68Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 69Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 70Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 71Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 72Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 73Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 74Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 71
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
5.0
SERIAL PERIPHERAL
INTERFACE (SPI)
The user can configure the ADC for specific functions
or optimized performance by setting the device’s
internal registers through the serial peripheral interface
(SPI). The SPI communication uses three pins: CS,
SCLK and SDIO. Table 5-1 summarizes the SPI pin
functions. The SCLK is used as a serial timing clock
and can be used up to 50 MHz. SDIO (Serial Data
Input/Output) is a dual-purpose pin that allows data to
be sent or read from the internal registers. The Chip
Select pin (CS) enables SPI communication when
active-low. The falling edge of CS followed by a rising
edge of SCLK determines the start of the SPI
communication. When CS is tied to high, SPI
communication is disabled and the SPI pins are placed
in high-impedance mode. The internal registers are
accessible by their address.
Figures 5-1 and 5-2 show the SPI data communication
protocols for this device with MSb-first and LSb-first
options, respectively. It consists of:
• 16-bit wide instruction header + Data byte 1 +
Data byte 2 + . . . + Data Byte N
Table 5-2 summarizes the bit functions. The R/W bit of
the instruction header indicates whether the command
is a read (‘1’) or a write (‘0’):
•If the R/W bit is ‘1’, the SDIO pin changes
direction from an input (SDI) to an output (SDO)
after the 16-bit wide instruction header.
By selecting the R/W bit, the user can write the register
or read back the register contents. The W1 and W2 bits
in the instruction header indicate the number of data
bytes to transmit or receive in the following data frame.
Bits A2 – A0 are the SPI device address bits. These
bits are used when multiple devices are used in the
same SPI bus. A2 is internally hardcoded to ‘0’. Bits A1
and A0 correspond to the logic level of the ADR1 and
ADR0 pins, respectively.
The R9 – R0 bits represent the starting address of the
Configuration register to write or read. The data bytes
following the instruction header are the register data.
All register data is eight bits wide. Data can be sent in
MSb-first mode (default) or in LSb-first mode, which is
determined by the <LSb_ FIRST> bit setting in Address
0x00 (Register 5-1). In Write mode, the data is clocked
in at the rising edge of the SCLK. In the Read mode, the
data is clocked out at the falling edge of the SCLK.
Note 1: The register address counter is incremented
by one per step. The counter does not
automatically reset to 0x00 after reaching the
last address (0x15D). Be aware that the user
registers are not sequentially allocated.
TABLE 5-1:
SPI PIN FUNCTIONS
Pin
Name
Descriptions
CS
Chip Select pin. SPI mode is initiated at
the falling edge. It needs to maintain
active-low for the entire period of the
SPI communication. The device exits the
SPI communication at the rising edge.
SCLK
Serial clock input pin.
• Writing to the device: Data is latched
at the rising edge of SCLK
• Reading from the device: Data is
latched at the falling edge of SCLK
SDIO
Serial data input/output pin. This pin is
initially an input pin (SDI) during the first
16-bit instruction header. After the
instruction header, its I/O status can be
changed depending on the R/W bit:
•if R/W = 0: Data input pin (SDI) for
writing
•if R/W = 1: Data output pin (SDO) for
reading
TABLE 5-2:
SPI DATA PROTOCOL BIT
FUNCTIONS
Bit Name
Descriptions
R/W
1 = Read Mode
0 = Write Mode
W1, W0
(Data
Length)
00 = Data for one register (1 byte)
01 = Data for two registers (2 bytes)
10 = Data for three registers (3 bytes)
11 = Continuous reading or writing by
clocking SCLK(1)
A2 - A0
Device SPI Address for multiple
devices in SPI bus
A2: Internally hardcoded to ‘0’
A1: Logic level of ADR1 pin
A0: Logic level of ADR0 pin
R9 - R0
Address of starting register
D7 - D0
Register data. MSb or LSb first,
depending on the LSb_FIRST bit
setting in 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com