Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 59Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 60Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 61Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 62Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 63Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 64Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 65Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 66Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 63
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
I
FIGURE 4-24:
Simplified Block Diagram of CW Beamforming and I/Q Signal Processing.
Half-Band Filter A
LP/HP
NCO (32-bit)
CH. 0
Channel Multiplexing/Down-Converting/Digital Beamforming/Decimation (2x)
HBFILTER_A
Decimation and Output Frequency Translation
FIR A
Decimation Filter
FIR_A<8:1>
FIR_B<7:0>
EN_DDC2
EN_DDC_FS/8
NCO (
)
EN_DDC1
fS/8
DER
EN_NCO
NCO Phase Offset Control
NCO Amplitude Dither
EN_AMPDITH
EN_PHSDITH
EN_LFSR
Sine/Cosine
Signal Generator
CH. 1
CH. 2
CH. 7
NCO_TUNE<31:0>
CH(n) NCO_PHASE<15:0>
MUX
NCO Phase Dither
ICH(n)
QCH(n)
EN_LFSR
ADC
Data:
COS
SIN
FIR B
Decimation Filter
Real
I or IDEC
Q or QDEC
RealDEC
or
(Note 1)
Note 1:
Switches are closed if a decimation filter is not used, and open if a decimation filter is used.
2:
Digital Gain and Offset adjustments are applied prior to the Digital Down-Converter and
are not shown here.
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com