Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 68Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 69Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 70Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 71Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 72Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 73Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 74Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 75Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 136 page
background image
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
DS20006381A-page 72
 2020 Microchip Technology Inc.
FIGURE 5-1:
SPI Serial Data Communication Protocol with MSb-first. See Figures 2-3 and 2-4 for
Timing Specifications.
FIGURE 5-2:
SPI Serial Data Communication Protocol - with LSb-First. See Figures 2-3 and 2-4 for
Timing Specifications.
5.1
Register Initialization
The internal Configuration registers are initialized to
their default values under two different conditions:
• After 220 clock cycles of delay from the Power-on
Reset (POR).
• Resetting the hardware reset pin (RESET).
Figures 2-3 and 2-4 show the timing details.
5.2
Configuration Registers
The internal registers are mapped from Addresses
0x00 – 0x15D.
These
user
registers
are
not
sequentially
located.
Some
user
Configuration
registers include factory-controlled bits. The factory-
controlled bits should not be overwritten by the user.
All user Configuration registers are read/write, except
for the last four registers, which are read-only. Each
register is made of an 8-bit-wide volatile memory, and
their default values are loaded during the power-up
sequence or by using the hardware RESET pin. All
registers are accessible by the SPI command using the
register address. Table 5-3 shows the user-register
memory map, and Registers 5-1 – 5-83 show the
details of the register bit functions.
CS
R/W W1 W0 A2 A1 A0 R9 R8 R7 R6 R5 R4 R3 R2 R1 R0
Register Data of
Register Data 2
Register Data N
16-Bit Instruction Header
Address of
SCLK
SDIO
Register Data
defined by R9 - R0
D7 D6 D5 D4 D3 D2 D1 D0
D0
D1
D2
D7 D6 D5 D4 D3 D2 D1 D0
Device Address
starting register
Starting Register
CS
R/W
W1
W0
A2
A1
A0
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
Register Data 2
Register Data N
16-Bit Instruction Header
Address of
SCLK
SDIO
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
Device Address
Register Data of
defined by R9 - R0
starting register
Starting Register
Note 1: All address and bit locations that are not
included in the following register map
table should not be written or modified by
the user.
2: Some registers include factory-controlled
bits (FCB). Do not overwrite these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com