Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 101 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 101 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 97Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 98Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 99Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 100Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 101Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 102Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 103Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 104Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 101
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
REGISTER 5-43:
ADDRESS 0X82 – NUMERICALLY CONTROLLED OSCILLATOR TUNING (LOWER BYTE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NCO_TUNE<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
NCO_TUNE <7:0>: Lower byte of NCO_TUNE<31:0>(1)
0000-0000 = DC (0 Hz) when NCO_TUNE<31:0> = 0x00000000 (Default)
Note
1:
See
Note 1 and Note 2 in Address 0x85 (Register 5-46).
REGISTER 5-44:
ADDRESS 0X83 – NUMERICALLY CONTROLLED OSCILLATOR TUNING
(MIDDLE-LOWER BYTE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NCO_TUNE<15:8>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
NCO_TUNE<15:8>: Middle lower byte of NCO_TUNE<31:0>(1)
0000-0000 = Default
Note
1:
See
Note 1 and Note 2 in Address 0x85 (Register 5-46).
REGISTER 5-45:
ADDRESS 0X84 – NUMERICALLY CONTROLLED OSCILLATOR TUNING
(MIDDLE-UPPER BYTE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NCO_TUNE<23:16>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
NCO_TUNE<23:16>: Middle upper byte of NCO_TUNE<31:0>(1)
0000-0000 = Default
Note
1:
See
Note 1 and Note 2 in Address 0x85 (Register 5-46).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com