Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80E/TE Datasheet(PDF) 119 Page - Microchip Technology

Part # MCP37D11-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE Datasheet(HTML) 119 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 115Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 116Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 117Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 118Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 119Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 120Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 121Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 122Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 119
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
REGISTER 5-80:
ADDRESS 0XC0 – CALIBRATION STATUS INDICATION
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ADC_CAL_STAT
FCB<6:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ADC_CAL_STAT: Power-up auto-calibration status indication flag bit
1 = Device power-up calibration is completed
0 = Device power-up calibration is not completed
bit 6-0
FCB<6:0>: Factory-Controlled Bits. These bits are read only, and have no meaning for the user.
REGISTER 5-81:
ADDRESS 0XD1 – PLL CALIBRATION STATUS AND PLL DRIFT STATUS INDICATION
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
FCB<4:3>
PLL_CAL_STAT
FCB<2:1>
PLL_VCOL_STAT
PLL_VCOH_STAT
FCB<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
FCB<4:3>: Factory-Controlled Bits. These bits are read only, and have no meaning for the user.
bit 5
PLL_CAL_STAT: PLL auto-calibration status indication flag bit(1)
1 =
Complete: PLL auto-calibration is completed
0 =
Incomplete: PLL auto-calibration is not completed
bit 4-3
FCB<2:1>: Factory-Controlled Bits. These bits are read only, and have no meaning for the user.
bit 2
PLL_VCOL_STAT: PLL drift status indication bit
1 =
PLL drifts out of lock with low VCO frequency
0 =
PLL operates as normal
bit 1
PLL_VCOH_STAT: PLL drift status indication bit
1 =
PLL drifts out of lock with high VCO frequency
0 =
PLL operates as normal
bit 0
FCB<0>: Factory-Controlled Bit. This bit is readable, but has no meaning for the user.
Note 1:
See PLL_CAL_TRIG bit setting in Address 0x6B (Register 5-27).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com