Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 26Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 27Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 28Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 29Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 30Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 31Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 32Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 33Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 30
MCP37D31-80 AND MCP37D21-80
Note: Unless otherwise specified, all plots are at 25°C, AVDD18 =DVDD18 =1.8V, AVDD12 =DVDD12 = 1.2V, GND = 0V,
SENSE = AVDD12, single-channel mode, differential analog input (AIN) = sine wave with amplitude of -1 dBFS, fIN = 14.7 MHz,
clock input = 80 MHz, fS = 80 Msps (ADC Core), MCP37D31-80 (16-bit), PLL and decimation filters are disabled.
FIGURE 3-25:
SNR/SFDR vs. Analog Input
Amplitude: fS = 80 Msps, fIN = 14.7 MHz,
High-Reference Mode (SENSE = AVDD12).
FIGURE 3-26:
SNR/SFDR vs. Analog Input
Amplitude: fS = 80 Msps, fIN = 14.7 MHz,
Low-Reference Mode (SENSE = GND).
FIGURE 3-27:
SNR/SFDR vs. Analog Input
Amplitude: fS = 80 Msps, fIN = 4.3 MHz,
High-Reference Mode (SENSE = AVDD12).
FIGURE 3-28:
SNR/SFDR vs. Analog Input
Amplitude: fS = 80 Msps, fIN = 4.3 MHz,
Low-Reference Mode (SENSE = GND).
-50
-40
-30
-20
-10
0
Input Amplitude (dBFS)
10
20
30
40
50
60
70
80
90
100
110
120
SENSE = 1.2V
f
IN
= 14.7 MHz
Resolution = 16-bit
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
SNR (dBc)
-40
-30
-20
-10
Input Amplitude (dBFS)
10
20
30
40
50
60
70
80
90
100
110
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
SNR (dBFS)
SENSE = 0V
f
IN
= 14.7 MHz
Resolution = 16-bit
-50
-40
-30
-20
-10
0
Input Amplitude (dBFS)
10
20
30
40
50
60
70
80
90
100
110
120
SNR (dBFS)
SFDR (dBFS)
SNR (dBc)
SENSE = 1.2V
f
IN
= 4.3 MHz
Resolution = 16-bit
SFDR (dBc)
-50
-40
-30
-20
-10
0
Input Amplitude (dBFS)
10
20
30
40
50
60
70
80
90
100
110
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
SNR (dBFS)
SENSE = 0V
f
IN
= 4.3 MHz
Resolution = 16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com