Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 55Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 56Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 57Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 58Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 59Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 60Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 61Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 62Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 141 page
background image
MCP37D31-80 AND MCP37D21-80
DS20006382A-page 59
 2020 Microchip Technology Inc.
4.8.3.6
NCO Phase Offset Control
The user can add phase offset to the NCO frequency
using the NCO phase offset control registers
(Addresses 0x86 to 0x95, Registers 5-46 – 5-61).
CH(n)_NCO_PHASE<15:0> is the 16-bit-wide NCO
phase offset control parameter for Channel n. A
0x0000 value in the register corresponds to no offset,
and a 0xFFFF corresponds to an offset of 359.995°.
The phase offset can be controlled with 0.005° per
step. The following equation is used to program the
NCO phase offset register:
EQUATION 4-6:
NCO PHASE OFFSET
A decimal number is used for the binary contents of
CH(n)_NCO_PHASE<15:0>.
4.8.3.7
In-Phase and Quadrature Signals
When the first down-conversion is enabled, it produces
In-phase (I) and Quadrature (Q) components as shown
in Equation 4-7:
EQUATION 4-7:
I AND Q SIGNALS
I and Q outputs are interleaved where I data is output
on the rising edge of the WCK. If I and Q outputs are
selected in dual-channel mode with DDC enabled, I
data of Channel 0 is output at the rising edge of WCK,
followed by Q data of Channel 0, then I and Q data of
Channel 1 in the same way.
4.8.3.8
Half-Band Filter
The frequency translation is followed by a half-band
digital filter, which is used to reduce the sample rate by
a factor of two while rejecting aliases that fall into the
band of interest.
The user can select high- or low-pass half-band filter
using the HBFILTER_A and HBFILTER_B bits in
Address 0x80 (Register 5-40). These filters provide
greater than 90 dB of attenuation in the attenuation
band and less than 1 mdB (10-3 dB) of ripple in the
passband region of 20% of the input sampling rate.
For example, for an ADC sample rate of 80 MSPS,
these filters provide less than 1 mdB of ripple over a
bandwidth of 16 MHz.
The filter responses shown in Figures 4-15 and 4-16
indicate a ripple of 0.5 mdB and an alias rejection of
90 dB. The output of the half-band filter is a DC-cen-
tered complex signal (I and Q). This I and Q signal is
then carried to the next down-conversion stage
(DDC2) for frequency translation (up-conversion), if
the DDC is enabled.
FIGURE 4-19:
High-Pass (HP) Response
of Half-Band Filter.
FIGURE 4-20:
Low-Pass (LP) Response of
Half-Band Filter.
CH(n)_NCO_PHASE<15:0>
2
16
Offset Value (
360
---------------------------------------
=
Where:
n = channel number
Offset Value (
) = desired phase offset value in
degrees
where:
(a)
(b)
IADC COS 2
f
NCOt
+

=
QADC SIN 2
f
NCOt
+

=
(c)
360
CH(n)_NCO_PHASE<15:0>
2
16
-----------------------------------------------------------------------
=
0.005493164
CH(n)_NCO_PHASE<15:0>
=
where:
ADC = output of the ADC block
 = NCO phase offset of selected channel, which
is defined by CH(n)_NCO_PHASE<15:0> in
Addresses 0x86 - 0x95
t = k/fS, with k =1, 2, 3,..., n
fNCO = NCO frequency
Note:
The half-band filter delays the data output
by 80 clock cycles: 2 (due to decimation) x
40 cycles (due to group delay)
In-Band Ripple
0.0005
0
-0.0005
0
-30
-60
-90
-120
0
0.1
0.2
0.3
0.4
0.5
Half-Band Filter Frequency Response
0
0.1
0.2
0.3
0.4
0.5
Fraction of Input Sample Rate
In-Band Ripple
0.0005
0
-0.0005
0
-30
-60
-90
-120
0
0.1
0.2
0.3
0.4
0.5
Half-Band Filter Frequency Response
0
0.1
0.2
0.3
0.4
0.5
Fraction of Input Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com