Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 49Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 50Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 51Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 52Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 53Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 54Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 55Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 56Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 141 page
background image
MCP37D31-80 AND MCP37D21-80
DS20006382A-page 53
 2020 Microchip Technology Inc.
4.8.2
DECIMATION FILTERS
The decimation feature is available in single and dual-
channel modes and CW octal-channel mode.
Figure 4-15 shows a simplified decimation filter block,
and Table 4-13 shows the register settings. The
decimation rate is controlled by FIR_A<8:0> and
FIR_B<7:0> register settings (Addresses 0x7A –
0x7C:
Registers 5-34 - ).
These
registers
are
thermometer encoded.
In single-channel mode, FIR B is disabled and only
FIR A is used. In this mode, the maximum
programmable decimation rate is 512x using nine
cascaded decimation stages.
In dual-channel mode or when using the Digital Down-
Conversion (DDC) in I/Q mode, both FIR A and FIR B
are used (see Figure 4-15). In this case, both channels
are set to the same decimation rate. Note that stage
1A in FIR A is unused: the user must clear FIR_A<0>
in Address 0x7A (Registers 5-34). In dual-channel
mode, the maximum programmable decimation rate is
up to 256x, which is half the single-channel decimation
rate (512x).
The overall SNR performance can be improved with
higher decimation rate. In theory, 3 dB improvement is
expected with each successive stage of decimation
(2x per stage), but the actual improvement is
approximately 2.5 dB per stage due to finite
attenuation in the FIR filters.
When using a high decimation rate option (128x or
above) in 16-bit mode, the user may consider enabling
two additional LSb output bits using the DM1DM2 bit
setting in Address 0x68 (Register 5-26). This results in
18-bit resolution. The recommended decimation rates
for adding these two additional bits are 128x or above.
This option is available for 16-bit devices only
(MCP37D31-80).
Table 4-12 summarizes the decimation rate versus
SNR performance in 16-bit and 18-bit output modes.
The results indicate that the SNR is marginally
improved with higher decimation rates. Therefore, the
user may benefit from the 18-bit output mode when a
high decimation rate is used. When a low decimation
rate is used, there is no benefit to SNR or SFDR
performance although the 18-bit output is enabled.
Table 4-13 summarizes the related control parameters
for using decimation filters.
TABLE 4-12:
DECIMATION RATE VS. SNR
PERFORMANCE
Decimation
Rate
SNR (dBFS)
16-Bit Output
Mode
18-Bit Output
Mode(1)
1x
74.5
74.5
2x
76.7
76.7
4x
79.5
79.5
8x
82.3
82.3
16x
84.8
84.8
32x
87.1
87.4
64x
89.2
89.7
128x
91.0
91.8
256x
92.0
93.2
512x
92.3
93.5
Note 1: DM1DM2 bit is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com