Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 91 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 91 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 87Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 88Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 89Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 90Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 91Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 92Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 93Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 94Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 141 page
background image
MCP37D31-80 AND MCP37D21-80
DS20006382A-page 91
 2020 Microchip Technology Inc.
REGISTER 5-15:
ADDRESS 0X5A – PLL LOOP FILTER RESISTOR
U-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
—
FCB<1:0>
PLL_RES<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Not used.
bit 6-5
FCB<1:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 4-0
PLL_RES<4:0>: Resistor value selection bits for PLL loop filter(1)
11111 = Maximum value
• • •
01111= (Default)
• • •
00000 = Minimum value
Note
1:
PLL_RES<4:0> should be set based on the phase detector comparison frequency. The resistor value increases linearly with the
bit settings, from minimum to maximum values. See the PLL loop filter section in Section 4.7, "ADC Clock Selection".
REGISTER 5-16:
ADDRESS 0X5B – PLL LOOP FILTER CAP3
U-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
—
FCB<1:0>
PLL_CAP3<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Not used.
bit 6-5
FCB<1:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 4-0
PLL_CAP3<4:0>: Capacitor 3 value selection bits for PLL loop filter(1)
11111 = Maximum value
• • •
00111= (Default)
• • •
00000 = Minimum value
Note
1:
This capacitor is in series with the shunt resistor, which is set by PLL_RES<4:0>. The capacitor value increases linearly with the
bit settings, from minimum to maximum values. This setting should be set based on the phase detector comparison frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com