| Electronic Components Datasheet Search |
|
MCP37D31-80E/TE Datasheet(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP37D31-80E/TE Datasheet(HTML) 57 Page - Microchip Technology |
|
57 / 141 page ![]() MCP37D31-80 AND MCP37D21-80 DS20006382A-page 57 2020 Microchip Technology Inc. 4.8.3.2 Dual-Channel DDC Figure 4-17 shows the dual-channel DDC configuration. Each channel includes the same processing elements as shown in the single-channel DDC, however the I/Q outputs cannot be separately decimated since the device only supports two channels of decimation (four would be required for I/Q of Channel A and I/Q of Channel B). The decimation option can be used if the DDC output after the half- band filter is up-converted by fS/8 for each channel. Otherwise, I/Q of each channel will be output separately, similar to a four-channel input device with the WCK output pin toggling synchronously with the I- data of Channel A. Note that the NCO phase can be adjusted uniquely for each of the two input channels (see Figure 4-18). Examples of setting registers for selected output type are shown in Tables 4-16 and 4- 17. FIGURE 4-17: Simplified DDC Block Diagram for Dual-Channel Mode. See Tables 4-16 and 4-17 for Using this DDC Block. Half-Band Filter A LP/HP NCO (32-bit) NCO (fS/8) Half-Band Filter B LP/HP CH. B CH. A IA QA IB QB RealA RealB QB IB EN_DDC1 Down-Converting and Decimation (Note 1) HBFILTER_B HBFILTER_A EN_DDC2 (Note 3) (Note 3) EN_DDC_FS/8 Output Frequency Translation and Decimation (Note 1) EN_NCO (Note 2) IA QA COS ADC Data: SIN COS SIN Note 1: See Address 0x80 – 0x81 for the Control Parameters. 2: See Figure 4-18 for details of NCO control block. 3: Half-band Filter A and B include a single-stage decimation filter. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |