Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 59Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 60Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 61Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 62Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 63Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 64Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 65Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 66Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 141 page
background image
MCP37D31-80 AND MCP37D21-80
DS20006382A-page 63
 2020 Microchip Technology Inc.
TABLE 4-17:
OUTPUT TYPE VS. CONTROL PARAMETERS FOR DUAL-CHANNEL DDC EXAMPLE
Output Type
Control Parameter
Register
Descriptions
Complex: I and Q
EN_DSPP_2 = 1
0X79
Enable all digital post-processing functions for dual-channel
operations
EN_DDC1 = 1
0X80
Enable DDC1 block
EN_NCO = 1
0X80
Enable 32-bit NCO
HBFILTER_A = 1
0X80
Enable Half-Band Filter A, includes 2x decimation
HBFILTER_B = 1
0X80
Enable Half-Band Filter B, includes 2x decimation
EN_DDC_FS/8 = 0
0X80
NCO(fS/8/DER) is disabled
EN_DDC2 = 0
0X81
DDC2 is disabled
FIR_A<8:1> = 0x00
0X7B
FIR A decimation filter is disabled
FIR_B<7:0> = 0x00
0X7C
FIR B decimation filter is disabled
OUT_CLKRATE<3:0>
0X02
Output clock rate is not affected (no need to change)
Real: RealA for
Channel A
and RealB for
Channel B after
NCO(fS/8/DER)
Without Using
Decimation Filter
EN_DSPP_2 = 1
0X79
Enable all digital post-processing functions for dual-channel
operations
EN_DDC1 = 1
0X80
Enable DDC1 block
EN_NCO = 1
0X80
Enable 32-bit NCO
HBFILTER_A = 1
0X80
Enable Half-Band Filter A, includes 2x decimation
HBFILTER_B = 1
0X80
Enable Half-Band Filter B, includes 2x decimation
EN_DDC_FS/8 = 1
0X80
NCO(fS/8/DER) is enabled. This translates the input signal
from DC to fS/8(1)
EN_DDC2 = 1
0X81
DDC2 is enabled
FIR_A<8:1> = 0x00
0X7B
Decimation filter FIR A is disabled
FIR_B<7:0> = 0x00
0X7C
Decimation filter FIR B is disabled
OUT_CLKRATE<3:0>
= 0001
0X02
Adjust the output clock rate to divided by 2(2)
Decimated Real:
RealA_DEC for
Channel A and
RealB_DEC for
Channel B after
NCO(fS/8/DER) and
Decimation Filter
EN_DSPP_2 = 1
0X79
Enable all digital signal post-processing functions for dual-
channel operation
EN_DDC1 = 1
0X80
Enable DDC1 block
EN_NCO = 1
0X80
Enable 32-bit NCO
HBFILTER_A = 1
0X80
Enable Half-Band Filter A, includes 2x decimation
HBFILTER_B = 1
0X80
Enable Half-Band Filter B, includes 2x decimation
EN_DDC_FS/8 = 1
0X80
NCO(fS/8/DER) is enabled. This translates the input signal
from DC to fS/8/DER(1)
EN_DDC2 = 1
0X81
DDC2 is enabled
FIR_A<8:1>
0X7B
Program FIR A filter for extra decimation(3)
FIR_B<7:0>
0X7C
Program FIR B filter for extra decimation(3)
OUT_CLKRATE<3:0>
0X02
Adjust the output clock rate to the total decimation rate
including the 2x decimation by the Half-Band Filter A
Note 1:
DER is the decimation rate setting of the FIR A and FIR B filters.
2:
Divided by 2 is due to the 2x decimation included in the Half-Band Filter A.
3:
When this filter is used, the up-conversion frequency is reduced by the extra decimation rates (DER).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com