Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 70 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 70 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 66Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 67Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 68Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 69Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 70Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 71Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 72Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 73Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 70
MCP37D31-80 AND MCP37D21-80
The output phase shift (delay) is controlled by each
unique register depending on which timing source is
used or if decimation is used. Table 4-21 shows the
output clock phase control registers for each
Configuration mode: (a) when DLL is used, (b) when
decimation is used, and (c) when PLL is used.
Figure 4-24 shows an example of the output clock
phase
delay
control
using
the
DCLK_PHD-
LY_DLL<2:0> when DLL is used.
FIGURE 4-24:
Example of Phase Shifting of Digital Output Clock (DCLK+) When DLL is Used.
TABLE 4-21:
OUTPUT CLOCK (DCLK) PHASE CONTROL PARAMETERS
Control Parameter
Register
Operating Condition(1)
When DLL is used:
EN_PHDLY
0x64
EN_PHDLY = 1: Enable output clock phase delay control
DCLK_PHDLY_DLL<2:0>
0x52
DCLK phase delay control when DLL is used. Decimation is not used.
When decimation is used:
EN_PHDLY
0x64
EN_PHDLY = 1: Enable output clock phase delay control
DCLK_PHDLY_DEC<2:0>
DCLK phase delay control when decimation filter is used. The phase delay
is controlled in digital clock output control block.
When PLL is used:
DCLK_DLY_PLL<2:0>
0x6D
DCLK delay control when PLL is used.
Note 1:
See Figure 4-11 for details.
Output Clock
Phase Shift:
0°
45° + Default
90° + Default
135° + Default
180° + Default
225° + Default
270° + Default
315° + Default
DCLK_PHDLY_DLL<2:0>
=
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
(DCLK+)
LVDS Data Output:
Note 1: Default value may not be 0° in all operations.
(Default)(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com