Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 48Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 49Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 50Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 51Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 52Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 53Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 54Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 55Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 52
MCP37D31-80 AND MCP37D21-80
FIGURE 4-13:
Response of the Dual-
Channel Fractional Delay Recovery (1st Nyquist
Band). fS is the Sampling Frequency.
FIGURE 4-14:
Response of the Octal-
Channel Fractional Delay Recovery (1st Nyquist
Band). fS is the Sampling Frequency.
TABLE 4-10:
CONTROL PARAMETERS FOR FRACTIONAL DELAY RECOVERY (FDR)
Channel Operation
Control Parameter Register
Descriptions
Global control for both
dual and octal-channel
modes
EN_FDR = 1
0x7A
Enable FDR features
FDR_BAND
0x81
Select 1st or 2nd Nyquist band
Dual-channel
SEL_FDR = 0
0x81
Select FDR for dual-channel mode
EN_DSPP_8 = 0
0x81
Select digital signal post-processing feature for
dual-channel mode
EN_DSPP_2 = 1
0x79
Enable all digital post-processing functions for
dual-channel operation
Octal-channel
SEL_FDR = 1
0x81
Select FDR for octal-channel mode
EN_DSPP_8 = 1
0x81
Select digital signal post-processing feature for
octal-channel operation
TABLE 4-11:
INPUT BANDWIDTH
REQUIREMENT FOR FDR
Bandwidth
in percentage
of fS(1)
Nyquist Band (2)
Dual-Channel Mode
0– 45%
1st Nyquist Band (FDR_BAND = 0)
55–100%
2nd Nyquist Band (FDR_BAND = 1)
45 – 55%
Avoid
Octal-Channel Mode
0– 38%
1st Nyquist Band (FDR_BAND = 0)
Note 1:
fs is sampling frequency per channel.
Distortion is less than 0.1 mdB.
2:
See Address 0x81 for FDR_BAND bit
setting
0fS/2
fS
Frequency
0fS/2
fS
Interpolation Filter Frequency Response
In-Band Ripple
0.0005
0
-0.0005
0
-30
-60
-90
-120
In-Band Ripple
0fS/2
fS
2
×fS
3
×fS
4
×fS
Frequency
0fS/2
fS
2
×fS
3
×fS
4
×fS
Frequency
0.0005
0
-0.0005
0
-30
-60
-90
-120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com