Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D31-80E/TE Datasheet(PDF) 121 Page - Microchip Technology

Part # MCP37D31-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D31-80E/TE Datasheet(HTML) 121 Page - Microchip Technology

Back Button MCP37D31-80E/TE Datasheet HTML 117Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 118Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 119Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 120Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 121Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 122Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 123Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 124Page - Microchip Technology MCP37D31-80E/TE Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 141 page
background image
MCP37D31-80 AND MCP37D21-80
DS20006382A-page 121
 2020 Microchip Technology Inc.
REGISTER 5-70:
ADDRESS 0X9E – CH0 DIGITAL OFFSET
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH0_DIG_OFFSET<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
CH0_DIG_OFFSET <7:0>: Digital offset setting bits for channel 0(1)
1111-1111 = 0xFF x DIG_OFFSET_WEIGHT<1:0>
• • •
0000-0001 = 0x01 x DIG_OFFSET_WEIGHT<1:0>
0000-0000 = 0 (Default)
Note
1:
See Table 4-18 for the corresponding channel. Offset value is two’s complement. This value is multiplied by DIG_OFFSET_-
WEIGHT<1:0> in Address 0xA7 (Register 5-78).
REGISTER 5-71:
ADDRESS 0X9F – CH1 DIGITAL OFFSET
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH1_DIG_OFFSET<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
CH1_DIG_OFFSET <7:0>: Digital offset setting bits for channel 1(1)
1111-1111 = 0xFF x DIG_OFFSET_WEIGHT<1:0>
• • •
0000-0001 = 0x01 x DIG_OFFSET_WEIGHT<1:0>
0000-0000 = 0 (Default)
Note
1:
See Note 1 in Register 5-70.
REGISTER 5-72:
ADDRESS 0XA0 – CH2 DIGITAL OFFSET
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH2_DIG_OFFSET<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
CH2_DIG_OFFSET <7:0>: Digital offset setting bits for channel 2(1)
1111-1111 = 0xFF x DIG_OFFSET_WEIGHT<1:0>
• • •
0000-0001 = 0x01 x DIG_OFFSET_WEIGHT<1:0>
0000-0000 = 0 (Default)
Note
1:
See Note 1 in Register 5-70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com