Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 128 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 128 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 124Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 125Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 126Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 127Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 128Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 129Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 130Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 131Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 132Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
128
309823-10
new command is issued to the chip at that Partition Address. This allows the user to set partition #1's output state to Read
Array, and partition #4's output state to Read Status. Each time the partition address is changed to partition #4 (without
issuing a new command), the Status will be read from the chip.
2.
Illegal commands include commands outside of the allowed command set (allowed commands: 41H [pgm], 20H [erase],
etc.)
3.
All partitions default to Read Array on powerup.
4.
If a Read Array is attempted from a busy partition, the result is unreliable data. When the user returns to this partition
address later, the output mux will be in the “Read Array” state from its last visit. the Read ID and Read Query commands
perform the same function in the device. The ID and Query data are located at different locations in the address map.
5.
1st and 2nd cycles of "2 cycles write commands" must be given to the same partition address, or unexpected results will
occur.
6.
The Clear Status command clears only the error bits in the status register if the device is not in the following modes: 1)
WSM running (Pgm Busy, Erase Busy, Pgm Busy In Erase Suspend, OTP Busy, BEFP modes) 2) Suspend states (Erase
Suspend, Pgm Suspend, Pgm Suspend In Erase Suspend).
7.
BEFP writes are allowed only when the status register bit #0 = 0 or else the data is ignored.
8.
The current state is that of the chip and not of the partition. Each partition remembers which output (Array, ID/CFI or
Status) it was last pointed to on the last instruction to the chip, but the next state of the chip does not depend on where
the partition's output mux is presently pointing to.
9.
Confirm commands (Lock Block, Unlock Block, Lock-Down Block, Configuration Register and Blank Check) perform the
operation and then move to the Ready State.
10.
Buffered programming will botch when a different block address (as compared to address given with E9 command) is
written during the BP Load1 and BP Load2 states.
11.
WA0 refers to the block address latched during the first write cycle of the current operation.
12.
All two cycle commands are considered as a contiguous whole during device suspend states. Individual commands are not
parsed separately; that is, the 2nd cycle of an erase command issued in program suspend will NOT resume the program
operation.
13.
The Buffered Program setup command (0xE9) will not change the partition state. The Buffered Program Confirm command
(0xD0) will place the partition in read status mode.
Appendix A AADM Mode
A.1
AADM Feature Overview
The following is a list of general requirements for AADM mode. Additional details can be
found in subsequent sections.
• Feature Availability: AADM mode is available in devices that are configured as A/
D MUX. With this configuration, AADM mode is enabled by setting a specific volatile
bit in the RCR.
• High Address Caputure (A[MAX:16]): When AADM mode is enabled,
A[MAX:16] and A[15:0] are captured from the A/DQ[15:0] balls. The selection of
A[MAX:16] or A[15:0] is determined by the state of the OE# input, as A[MAX:16]
is captured when OE# is at VIL.
• Read & Write Cycle Support: In AADM mode, both asynchronous and
synchronous Cycles are supported.
• Customer Requirements: For AADM operation, the customer is required to
ground A16-Amax.
• Other Characteristics: For AADM, all other device characteristics (pgm time,
erase time, ICCS, etc.) are the same as A/D MUX unless otherwise stated.
A.2
AADM Mode Enable (RCR[4]=1)
Setting RCR.4 to its non-default state (‘1b) enables AADM mode:
• The default device configuration upon Reset or Powerup is A/D MUX Mode
• Upon setting RCR[4]=1, the upper Addresses A[max:16] are latched as all 0’s by
default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com