Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 127 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 127 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 123Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 124Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 125Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 126Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 127Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 128Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 129Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 130Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 131Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 139 page
background image
April 2008
Datasheet
309823-10
127
Numonyx™ StrataFlash® Cellular Memory (M18)
Notes:
1.
The Partition Data When Read field shows what users read from the flash chip after issuing the appropriate command,
given the Partition Address is not changed from the address given during the command. Read-while-write functionality
gives more flexibility in data output from the device. The data read from the chip depends on the Partition Address applied
to the device. Depending on the command issued to the chip, each partition is placed into one of the following three
output states during commands: Read Array, Read Status or Read ID/CFI. This partition's output state is retained until a
Table 62: Output Next State Table
Command Input to Chip and Resulting Output MUX Next State
Current Chip State
(F
Fh
)
(4
1h
)
(E
9h
)
(E
Bh
)
(2
0h
)
(8
0h
)
(D
0h
)
(B
0)
(7
0h
)
(5
0h
)
(9
0h
,
98
h)
(6
0h
)
(B
Ch
)
(C
0h
)
(0
1h
)
(2
Fh
)
(0
3h
,
04
h)
ot
he
r
BEFPSetup,
BEFP Pgm & Verify Busy,
Erase Setup,
OTP Setup,
BP Confirm
WordPgmSetup,
Word Pgm Setup in Erase
Susp,
BP Confirm in Erase
Suspend,
Blank Check Setup,
Blank Check Busy
Status Read
Lock/RCR/ECR Setup,
Lock/RCR/ECR Setup in
Erase Susp
Status Read
Ar
ra
y
Re
ad
Status
Read
BP Setup, Load 1, Load 2
BP Setup, Load1, Load 2 -
in Erase Susp.
Output MUX will not change
BP Busy
BP Busy in Erase Suspend
Word Program Busy,
Word Prgm Busy in Erase
Suspend,
Erase Busy
Status
Read
Status
Read
Status Read
Output MUX
does not
change
Ready,
Word Prgm Suspend,
BP Suspend,
Phase-1 BP Suspend,
Erase Suspend,
BP Suspend in Erase
Suspend
Output
MUX
does
not
Change
OTP Busy
Status
Read
SR
Re
ad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com