Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 123 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 123 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 119Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 120Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 121Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 122Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 123Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 124Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 125Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 126Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 127Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 139 page
background image
April 2008
Datasheet
309823-10
123
Numonyx™ StrataFlash® Cellular Memory (M18)
Erase
Setup
Ready (Error [Botch])
Era
se
Bu
sy
Ready (Error [Botch])
N/
A
Ready (Err
Botch0])
N/
A
Busy
Er
as
e
Bu
sy
IS
in
Er
as
e
Bu
sy
Er
as
e
Bu
sy
IS in
Erase
Busy
Era
se
Bu
sy
Er
as
e
Su
sp
Erase Busy
IS in Erase
Busy
Erase Busy
N/
A
Erase Busy
Re
ad
y
IS in Erase
Busy
Erase Busy
Suspend
Er
as
e
Su
sp
W
or
d
Pg
m
Se
tu
p
in
Er
as
e
Su
sp
BP
Se
tu
p
in
Er
as
e
Su
sp
IS in
Erase
Suspen
d
Era
se
Bu
sy
Erase
Suspen
d
Er
as
e
Su
sp
(E
r
bit
s
cle
ar)
Er
as
e
Su
sp
Lo
ck
/
RC
R/
EC
R
Se
tu
p
in
Er
as
e
Su
sp
Er
as
e
Su
sp
IS
in
Er
as
e
Su
sp
Erase
Suspend
N/
A
Erase Susp
N/
A
IS in Erase
Susp
Erase Suspend
Word
Progra
m in
Erase
Suspe
nd
Setup
Word Pgm busy in Erase Suspend
N/
A
Word Pgm
Busy in Ers
Suspend
N/
A
Busy
W
or
d
Pg
m
bu
sy
in
Er
as
e
Su
sp
IS
in
Pg
m
bu
sy
in
Er
s
Su
sp
W
or
d
Pg
m
bu
sy
in
Er
as
e
Su
sp
IS in
Word
Pgm
busy in
Ers
Susp
Wo
rd
Pg
m
bu
sy
in
Era
se
Su
sp
W
or
d
Pg
m
Su
sp
in
Er
s
Su
sp
Word Pgm
busy in Erase
Susp
IS in Word
Pgm busy in
Ers Susp
Word Pgm busy in Erase Susp
Er
as
e
Su
sp
Table 61: Next State Table (Sheet 4 of 7)
Command Input and Resulting Chip Next State
Current Chip State
(F
Fh
)
(4
1h
)
(E
9h
)
(2
0h
)
(8
0h
)
(D
0h
)
(B
0)
(7
0h
)
(5
0h
)
(9
0h
,
98
h)
(6
0h
)
(B
Ch
)
(C
0h
)
(0
1h
)
(2
Fh
)
(0
3h
,
04
h)
(x
xh
)
other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com