Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 119 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 119 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 115Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 116Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 117Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 118Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 119Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 120Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 121Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 122Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 123Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 139 page
background image
April 2008
Datasheet
309823-10
119
Numonyx™ StrataFlash® Cellular Memory (M18)
134:
--01
—
--01
—
--01
—
--01
—
135:
--07
—
--0F
—
--1F
—
--3F
—
136:
--00
—
--00
—
--00
—
--00
—
137:
--00
—
--00
—
--00
—
--00
—
138:
--04
—
--04
—
--04
—
--04
—
139:
--64
—
--64
—
--64
—
--64
—
13A:
--00
—
--00
—
--00
—
--00
—
13B:
--12
—
--12
—
--12
—
--12
—
13C:
--02 Mux
--03 Non Mux
—
--02 Mux
--03 Non Mux
—
--02 Mux
--03 Non Mux
—
--02 Mux
--03 Non Mux
—
13D:
--0A
—
--0A
—
--0A
—
--0A
—
13E:
--00
—
--00
—
--00
—
--00
—
13F:
--10
—
--10
—
--10
—
--10
—
140:
--00
—
--00
—
--00
—
--00
—
141:
--10
—
--10
—
--10
—
--10
—
142:
--00
—
--00
—
--00
—
--00
—
Table 60: Partition and Erase Block Region Information (Sheet 2 of 2)
Address
128 Mbit
256 Mbit
512 Mbit
1 Gbit
BT
BT
BT
B
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com