Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 116 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 116 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 112Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 113Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 114Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 115Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 116Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 117Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 118Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 119Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 120Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
116
309823-10
Table 57: One Time Programmable (OTP) Register Information
Offset
P = 10Ah
Length
Description
Address
Hex Code
Value
(P+E)h
1
Number of OTP register fields in JEDEC ID space. 00h indicates
that 256 OTP fields are available.
118:
--02
2
(P+F)h
(P+10)h
(P+11)h
(P+12)h
4
OTP Field 1: OTP Description: This field describes user available
OTP register bytes. Some are preprogrammed with device-unique
serial numbers. Others are user programmable.
Bits 0 - 15 point to the OTP register Lock byte, the register’s first
byte.
The following bytes are factory preprogrammed and user-
programmable:
Bits 0 - 7 = Lock/bytes JEDEC plane physical low address.
119:
--80
80h
Bits 8 - 15 = Lock/bytes JEDEC plane physical high address.
11A:
--00
00h
Bits 16 - 23 = n where 2n equals factory preprogrammed bytes.
11B:
--03
8 byte
Bits 24 - 31 = n where 2n equals user programmable bytes.
11C:
--03
8 byte
(P+13)h
(P+14)h
(P+15)h
(P+16)h
(P+17)h
(P+18)h
(P+19)h
(P+1A)h
(P+1B)h
(P+1C)h
10
OTP Field 2: OTP Description
Bits 0 - 31 point to the OTP register physical Lock word address in
the JEDEC plane.
11D:
11E:
11F:
120:
--89
--00
--00
--00
89h
00h
00h
00h
The following bytes are factory or user programmable:
Bits 32 - 39 = n where n equals factory programmed groups (low
byte).
Bits 40 - 47 = n where n equals factory programmed groups
(high byte).
Bits 48 - 55 = n where 2n equals factory programmed bytes/
groups.
121:
122:
123:
--00
--00
--00
0
0
0
Bits 56 - 63 = n where n equals user programmed groups (low
byte).
Bits 64 - 71 = n where n equals user programmed groups (high
byte).
Bits 72 - 79 = n where n equals user programmable bytes/
groups.
124:
125:
126:
--10
--00
--04
16
0
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com