Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 118 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 118 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 114Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 115Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 116Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 117Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 118Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 119Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 120Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 121Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 122Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
118
309823-10
(P+2A)h
(P+2A)h
Types of erase block regions in this partition region:
x = 0: No erase blocking; the partition region erases in bulk.
x = Number of erase block regions with contiguous, same-size erase
blocks.
Symmetrically blocked partitions have one blocking region.
Partition size = (Type 1 blocks) x (Type 1 block sizes) + (Type 2 blocks) x
(Type 2 block sizes) +...+ (Type n blocks) x (Type n block sizes).
1
134:
134:
(P+2B)h
(P+2B)h
Partition region 1 erase block type 1 information:
Bits 0 - 15 = y, y + 1: Number of identical-sized erase blocks in a
partition.
Bits 16 - 30 = z, where region erase block(s) size is z x 256 bytes.
4
135:
135:
(P+2C)h
(P+2C)h
136:
136:
(P+2D)h
(P+2D)h
137:
137:
(P+2E)h
(P+2E)h
138:
138:
(P+2F)h
(P+2F)h
Partition 1 (Erase Block Type 1):
Block erase cycles x 1000
2
139:
139:
(P+30)h
(P+30)h
13A:
13A:
(P+31)h
(P+31)h
Partition 1 (Erase Block Type 1) bits per cell; internal EDAC:
Bits 0 - 3 = bits per cell in erase region
Bit 4 = internal EDAC used (1=yes, 0=no)
Bit 5 - 7 = reserved for future use
1
13B:
13B:
(P+32)h
(P+32)h
Partition 1 (Erase Block Type 1) page mode and synchronous mode
capabilities:
Bits 0 = page mode host reads permitted (1=yes, 0=no)
Bit 1 = synchronous host reads permitted (1=yes, 0=no)
Bit 2 = synchronous host writes permitted (1=yes, 0=no)
Bit 3 - 7 = reserved for future use
1
13C:
13C:
(P+33)h
(P+33)h
Partition 1 (Erase Block Type 1) programming region information:
Bits 0 - 7 = x, 2x: programming region aligned size (bytes)
Bit 8 - 14 = reserved for future use
Bit 15 = legacy flash operation; ignore 0:7
Bit 16 - 23 = y: control mode valid size (bytes)
Bit 24 - 31 = reserved for future use
Bit 32 - 39 = z: control mode invalid size (bytes)
Bit 40 - 46 = reserved for future use
Bit 47 = legacy flash operation (ignore 23:16 and 39:32)
6
13D:
13D:
(P+34)h
(P+34)h
13E:
13E:
(P+35)h
(P+35)h
13F:
13F:
(P+36)h
(P+36)h
140:
140:
(P+37)h
(P+37)h
141:
141:
(P+38)h
(P+38)h
142:
142:
Table 59: Partition and Erase Block Information—Region 1 (Sheet 2 of 2)
Offset
P = 10Ah
Description (Optional flash features and commands)
Length
Address
Bottom
Top
Bottom
Top
Table 60: Partition and Erase Block Region Information (Sheet 1 of 2)
Address
128 Mbit
256 Mbit
512 Mbit
1 Gbit
BT
BT
B
T
B
T
12C:
--01
—
--01
—
--01
—
--01
—
12D:
--16
—
--16
—
--16
—
--16
—
12E:
--00
—
--00
—
--00
—
--00
—
12F:
--08
—
--08
—
--08
—
--08
—
130:
--00
—
--00
—
--00
—
--00
—
131:
--11
—
--11
—
--11
—
--11
—
132:
--00
—
--00
—
--00
—
--00
—
133:
--00
—
--00
—
--00
—
--00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com