Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 122 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 122 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 118Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 119Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 120Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 121Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 122Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 123Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 124Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 125Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 126Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
122
309823-10
Buffer
Progra
m
(BP)
Setup
BP Load 1
N/
A
BP Load 1
(10)
BP Load 2 if word count >0, else BP confirm
BP Load 2
(10)
BP Confirm if data load in program buffer is complete, ELSE BP load 2
Re
ad
y
(E
rro
r
[B
ot
ch
])
BP Confirm
if data load
in program
buffer is
complete,
else BP
load 2
BP
Confirm
Re
ad
y
(E
rro
r
[B
ot
ch
])
BP
Bu
sy
Re
ad
y
(E
rro
r
[B
ot
ch
])
BP Busy
BP
Bu
sy
IS
in
BP
Bu
sy
BP
Bu
sy
Ill
eg
al
St
at
e
in
BP
Bu
sy
BP
Bu
sy
BP
Su
sp
BP
Bu
sy
IS
in
BP
Bu
sy
BP
Bu
sy
BP
Bu
sy
Re
ad
y
IS in BP
Busy
BP
Bu
sy
BP
Suspend
BP
Su
sp
IS
in
BP
Su
sp
BP
Su
sp
en
d
Ill
eg
al
St
at
e
in
BP
Bu
sy
BP
Bu
sy
BP
Su
sp
en
d
BP
Su
sp
(E
r
bit
s
cle
ar)
BP
Su
sp
IS
in
BP
Su
sp
BP
Su
sp
en
d
N/
A
BP Susp
N/
A
IS in BP
Suspend
BP
Su
sp
en
d
Table 61: Next State Table (Sheet 3 of 7)
Command Input and Resulting Chip Next State
Current Chip State
(F
Fh
)
(4
1h
)
(E
9h
)
(2
0h
)
(8
0h
)
(D
0h
)
(B
0)
(7
0h
)
(5
0h
)
(9
0h
,
98
h)
(6
0h
)
(B
Ch
)
(C
0h
)
(0
1h
)
(2
Fh
)
(0
3h
,
04
h)
(x
xh
)
other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com