Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 126 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 126 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 122Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 123Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 124Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 125Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 126Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 127Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 128Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 129Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 130Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
126
309823-10
Lock/RCR/ECR
Setup in Erase
Suspend
Erase Suspend: Lock
Error [Botch]
Era
se
Su
sp:
Un
-
loc
k
Blo
ck
Erase Susp: Lock Error
[Botch]
Er
as
e
Su
sp
:
Er
ror
[B
ot
ch
]
Er
as
e
Su
sp
Bl
k
Lo
ck
Er
as
e
Su
sp
Bl
k
Lk
-
Do
wn
Er
as
e
Su
sp
CR
Se
t
N/
A
Erase
Susp: Error
[Botch]
N/
A
Blank
Check
(BC)
Setup
Ready (Error [Botch])
BC
Bu
sy
Ready: Error [Botch]
N/
A
Ready:
Error
[Botch]
N/
A
Blank
Check
Busy
BC
Bu
sy
IS
in
BC
Bu
sy
BC
Bu
sy
IS in BC
Busy
BC Busy
IS in BC
Busy
BC Busy
BC Busy
Re
ad
y
IS in Blank
Check
Busy
BC Busy
BC Busy
BEFP
Setup
Ready: Error [Botch]
BE
FP
Lo
ad
Da
ta
Ready: Error [Botch]
N/
A
BEFP Busy
BEFP Program and Verify Busy (if Block Address given matches address given on
BEFP Setup command). Commands treated as data. (7)
Re
ad
y
BEFP Busy
Re
ad
y
Table 61: Next State Table (Sheet 7 of 7)
Command Input and Resulting Chip Next State
Current Chip State
(F
Fh
)
(4
1h
)
(E
9h
)
(2
0h
)
(8
0h
)
(D
0h
)
(B
0)
(7
0h
)
(5
0h
)
(9
0h
,
98
h)
(6
0h
)
(B
Ch
)
(C
0h
)
(0
1h
)
(2
Fh
)
(0
3h
,
04
h)
(x
xh
)
other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com